Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTM4613 Datasheet(PDF) 30 Page - Linear Technology

Part # LTM4613
Description  EN55022B Compliant 58V, 24W Inverting-Output DC/DC 關Module Regulator
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4613 Datasheet(HTML) 30 Page - Linear Technology

Back Button LTM4613 Datasheet HTML 26Page - Linear Technology LTM4613 Datasheet HTML 27Page - Linear Technology LTM4613 Datasheet HTML 28Page - Linear Technology LTM4613 Datasheet HTML 29Page - Linear Technology LTM4613 Datasheet HTML 30Page - Linear Technology LTM4613 Datasheet HTML 31Page - Linear Technology LTM4613 Datasheet HTML 32Page - Linear Technology LTM4613 Datasheet HTML 33Page - Linear Technology LTM4613 Datasheet HTML 34Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 30 / 34 page
background image
LTM4651
30
4651f
For more information www.linear.com/LTM4651
Figure 34. –24V Output at Up to 4A from 24V Input, 2-Phase Interleaved, Parallel Application at fSW = 1.5MHz
TYPICAL APPLICATIONS
ISETa
ISETb
VIN
SVIN
VD
RUN
CLKIN
INTVCC
VINREG
COMPa
COMPb
PGOOD
GNDSNS
GND
PGND
VOUT–
SVOUT–
PGDFB
EXTVCC
TEMP+
TEMP–
U2
LTM4651
RfSET2
90.9k
RISET2
240k
CD2
4.7 F
fSET
CDGND2
4.7 F
CINOUT2
4.7 F
CIN2
4.7 F
4651 F34
ISETa
ISETb
VIN
SVIN
VD
RUN
CLKIN
INTVCC
VINREG
COMPa
COMPb
PGOOD
GNDSNS
GND
PGND
VOUT–
SVOUT–
PGDFB
EXTVCC
TEMP+
TEMP–
U1
LTM4651
–24VOUT
UP TO 4A
LOAD
RfSET1
90.9k
CD1
4.7 F
fSET
CDGND1
4.7 F
CINOUT1
4.7 F
CIN1
4.7 F
3.3V
RPGDFB
100k
RPGDFB1
196k
REXTVCC1
100Ω
CEXTVCC1
1µF
COUT
10µF
×4
VIN
24V
OUT1
OUT2
MOD
V+
SET
GND
LTC6908-1
RSET
66.5k
3.3V
REXTVCC2
100Ω
CEXTVCC2
1µF
RPGDFB2
196k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com