Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTM4613 Datasheet(PDF) 31 Page - Linear Technology

Part # LTM4613
Description  EN55022B Compliant 58V, 24W Inverting-Output DC/DC 關Module Regulator
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4613 Datasheet(HTML) 31 Page - Linear Technology

Back Button LTM4613 Datasheet HTML 26Page - Linear Technology LTM4613 Datasheet HTML 27Page - Linear Technology LTM4613 Datasheet HTML 28Page - Linear Technology LTM4613 Datasheet HTML 29Page - Linear Technology LTM4613 Datasheet HTML 30Page - Linear Technology LTM4613 Datasheet HTML 31Page - Linear Technology LTM4613 Datasheet HTML 32Page - Linear Technology LTM4613 Datasheet HTML 33Page - Linear Technology LTM4613 Datasheet HTML 34Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 31 / 34 page
background image
LTM4651
31
4651f
For more information www.linear.com/LTM4651
10ms/DIV
VOUT+
5V/DIV
VOUT–
5V/DIV
RUN, 5V/DIV
PGOOD, 5V/DIV
4651 F36
Figure 35. Current Sharing Performance of LTM4651s in Figure 34 Circuit
Figure 36. Concurrent ±12V Supply, Output Voltage Start-Up Waveforms. Figure 37 Circuit
TYPICAL APPLICATIONS
U1 OUTPUT CURRENT
U2 OUTPUT CURRENT
LOAD CURRENT (A)
0
0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0
0
0.25
0.50
0.75
1.00
1.25
1.50
1.75
2.00
2.25
4651 F35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com