Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTM4613 Datasheet(PDF) 19 Page - Linear Technology

Part # LTM4613
Description  EN55022B Compliant 58V, 24W Inverting-Output DC/DC 關Module Regulator
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4613 Datasheet(HTML) 19 Page - Linear Technology

Back Button LTM4613 Datasheet HTML 15Page - Linear Technology LTM4613 Datasheet HTML 16Page - Linear Technology LTM4613 Datasheet HTML 17Page - Linear Technology LTM4613 Datasheet HTML 18Page - Linear Technology LTM4613 Datasheet HTML 19Page - Linear Technology LTM4613 Datasheet HTML 20Page - Linear Technology LTM4613 Datasheet HTML 21Page - Linear Technology LTM4613 Datasheet HTML 22Page - Linear Technology LTM4613 Datasheet HTML 23Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 34 page
background image
LTM4651
19
4651f
For more information www.linear.com/LTM4651
where N is the number of LTM4651 modules in parallel
configuration.
Depending on the duty cycle of operation (EQ. 4), the
output voltage ripple achieved by paralleled, synchronized
LTM4651modulesmaybeconsiderablysmallerthanwhat
is yielded by EQ. 7. Application Note 77 provides a detailed
explanation of multiphase operation (relevant to parallel
LTM4651 applications) pertaining to noise reduction and
output and input ripple current cancellation. Regardless
of ripple current cancellation, it remains important for the
output capacitance of paralleled LTM4651 applications
to be designed for loop stability and transient response.
LTpowerCAD is available for such analysis.
Figure 4 illustrates the RMS ripple current reduction as
a function of the number of interleaved (paralleled and
synchronized) LTM4651 modules—derived from Ap-
plication Note 77.
Radiated EMI Noise
The generation of radiated EMI noise is an inherent disad-
vantageofswitchingregulators.Fastswitchingturn-onand
turn-off of the power MOSFETs—necessary for achieving
high efficiency—create high-frequency (~30MHz+) ∆l/∆t
changes within DC/DC converters. This activity tends to
be the dominant source of high-frequency EMI radiation
in such systems. The high level of device integration
within LTM4651—including optimized gate-driver and
critical front-end � filter inductor—delivers low radiated
EMI noise performance. Figures 5 to 8 show typical ex-
amples of LTM4651 meeting the radiated emission limits
established by EN55022 Class B.
Thermal Considerations and Output Current Derating
The thermal resistances reported in the Pin Configuration
section of this data sheet are consistent with those pa-
rameters defined by JESD51-12 and are intended for use
with finite element analysis (FEA) software modeling tools
that leverage the outcome of thermal modeling, simula-
tion, and correlation to hardware evaluation performed on
a µModule package mounted to a hardware test board.
The motivation for providing these thermal coefficients is
found in JESD51-12 (“Guidelines for Reporting and Using
Electronic Package Thermal Information”).
Many designers may opt to use laboratory equipment
and a test vehicle such as the demo board to predict the
µModule regulator’s thermal performance in their appli-
cation at various electrical and environmental operating
conditions to compliment any FEA activities. Without FEA
software, the thermal resistances reported in the Pin Con-
figuration section are, in and of themselves, not relevant to
providing guidance of thermal performance; instead, the
derating curves provided in this data sheet can be used
in a manner that yields insight and guidance pertaining to
one’s application-usage, and can be adapted to correlate
thermal performance to one’s own application.
The Pin Configuration section gives four thermal coeffi-
cients explicitly defined in JESD51-12; these coefficients
are quoted or paraphrased below:
1. θJA, the thermal resistance from junction to ambient, is
the natural convection junction-to-ambient air thermal
resistance measured in a one cubic foot sealed enclo-
sure. This environment is sometimes referred to as
“still air” although natural convection causes the air to
move. This value is determined with the part mounted
toaJESD51-9definedtestboard,whichdoesnotreflect
an actual application or viable operating condition.
2. θJCbottom, the thermal resistance from junction to the
bottom of the product case, is determined with all of
the component power dissipation flowing through the
bottom of the package. In the typical µModule regulator,
the bulk of the heat flows out the bottom of the pack-
age, but there is always heat flow out into the ambient
environment. As a result, this thermal resistance value
may be useful for comparing packages but the test
conditions don’t generally match the user’s application.
3. θJCtop, the thermal resistance from junction to top of
the product case, is determined with nearly all of the
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com