Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1735 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC1735
Description  Dual, 550kHz, 2-Phase Synchronous Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1735 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC1735 Datasheet HTML 3Page - Linear Technology LTC1735 Datasheet HTML 4Page - Linear Technology LTC1735 Datasheet HTML 5Page - Linear Technology LTC1735 Datasheet HTML 6Page - Linear Technology LTC1735 Datasheet HTML 7Page - Linear Technology LTC1735 Datasheet HTML 8Page - Linear Technology LTC1735 Datasheet HTML 9Page - Linear Technology LTC1735 Datasheet HTML 10Page - Linear Technology LTC1735 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
LTC3728L-1
7
3728l1fc
TYPICAL PERFORMANCE CHARACTERISTICS
Input Source/Capacitor
Instantaneous Current (Figure 13)
Burst Mode Operation (Figure 13)
Constant Frequency (Burst Inhibit)
Operation (Figure 13)
Current Sense Pin Input Current
vs Temperature
EXTVCC Switch Resistance
vs Temperature
Oscillator Frequency
vs Temperature
Undervoltage Lockout
vs Temperature
3728L1 G22
VIN
200mV/DIV
VSW1
10V/DIV
VSW2
10V/DIV
IIN
2A/DIV
1μs/DIV
VIN = 15V
VOUT1 = 5V, VOUT2 = 3.3V
VPLLFLTR = 0V
IOUT5 = IOUT3.3 = 2A
3728L1 G23
VOUT
20mV/DIV
IL
0.5A/DIV
10μs/DIV
VIN = 15V
VOUT = 5V
VPLLFLTR = 0V
VFCB = 5V
IOUT = 20mA
3728L1 G24
VOUT
20mV/DIV
IL
0.5A/DIV
2μs/DIV
VIN = 15V
VOUT = 5V
VPLLFLTR = 0V
VFCB = 5V
IOUT = 20mA
TEMPERATURE (°C)
–50
–25
25
29
35
0
50
75
3728L1 G26
27
33
31
25
100
125
VOUT = 5V
TEMPERATURE (°C)
–50
–25
0
4
10
0
50
75
3728L1 G27
2
8
6
25
100
125
TEMPERATURE (°C)
–50
400
500
700
25
75
3728L1 G28
300
200
–25
0
50
100
125
100
0
600
VPLLFLTR = 2.4V
VPLLFLTR = 1.2V
VPLLFLTR = 0V
TEMPERATURE (°C)
–50
3.40
3.45
3.50
25
75
3728L1 G29
3.35
3.30
–25
0
50
100
125
3.25
3.20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com