Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1735 Datasheet(PDF) 9 Page - Linear Technology

Part # LTC1735
Description  Dual, 550kHz, 2-Phase Synchronous Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1735 Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC1735 Datasheet HTML 5Page - Linear Technology LTC1735 Datasheet HTML 6Page - Linear Technology LTC1735 Datasheet HTML 7Page - Linear Technology LTC1735 Datasheet HTML 8Page - Linear Technology LTC1735 Datasheet HTML 9Page - Linear Technology LTC1735 Datasheet HTML 10Page - Linear Technology LTC1735 Datasheet HTML 11Page - Linear Technology LTC1735 Datasheet HTML 12Page - Linear Technology LTC1735 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
LTC3728L-1
9
3728l1fc
FUNCTIONAL DIAGRAM
SWITCH
LOGIC
–
+
0.8V
4.8V
5V
VIN
VIN
4.5V
BINH
CLK2
CLK1
0.18μA
R6
R5
+
–
FCB
+
–
–
+
–
+
–
+
VREF
INTERNAL
SUPPLY
3.3VOUT
INTVCC
RLP
CLP
3V
FCB
INTVCC
SGND (UH PACKAGE PAD)
+
5V
LDO
REG
SW
SHDN
0.55V
TOP
BOOST
TG
CB
CIN
D1
DB
PGND
BOT
BG
INTVCC
INTVCC
VIN
+
COUT
VOUT
3728L1 F02
RSENSE
R2
+
VOSENSE
DROP
OUT
DET
RUN
SOFT
START
BOT
TOP ON
S
R
Q
Q
OSCILLATOR
PHASE DET
PLLFLTR
PLLIN
FCB
EA
0.86V
0.80V
OV
VFB
1.2μA
6V
R1
–
+
RC
4(VFB)
RST
SHDN
RUN/SS
ITH
CC
CC2
CSS
4(VFB)
0.86V
SLOPE
COMP
3mV
+
–
–
+
SENSE–
SENSE+
INTVCC
30k
45k
2.4V
45k
30k
I1
I2
B
DUPLICATE FOR SECOND
CONTROLLER CHANNEL
+
–
–
+
50k
FIN
+
–
+
–
+
–
+
–
PGOOD
VOSENSE1
VOSENSE2
0.86V
0.74V
0.86V
0.74V
EXTVCC
Figure 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com