Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1735 Datasheet(PDF) 25 Page - Linear Technology

Part # LTC1735
Description  Dual, 550kHz, 2-Phase Synchronous Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1735 Datasheet(HTML) 25 Page - Linear Technology

Back Button LTC1735 Datasheet HTML 21Page - Linear Technology LTC1735 Datasheet HTML 22Page - Linear Technology LTC1735 Datasheet HTML 23Page - Linear Technology LTC1735 Datasheet HTML 24Page - Linear Technology LTC1735 Datasheet HTML 25Page - Linear Technology LTC1735 Datasheet HTML 26Page - Linear Technology LTC1735 Datasheet HTML 27Page - Linear Technology LTC1735 Datasheet HTML 28Page - Linear Technology LTC1735 Datasheet HTML 29Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 32 page
background image
LTC3728L-1
25
3728l1fc
APPLICATIONS INFORMATION
Design Example
As a design example for one channel, assume VIN =
12V(nominal), VIN = 22V(max), VOUT = 1.8V, IMAX = 5A,
and f = 300kHz.
The inductance value is chosen first based on a 30% ripple
current assumption. The highest value of ripple current
occurs at the maximum input voltage. Tie the PLLFLTR
pin to a resistive divider from the INTVCC pin, generating
0.7V for 300kHz operation. The minimum inductance for
30% ripple current is:
L
VIN –VOUT
(f)(IRIPPLE)
•
VOUT
VIN
or 3.7μH. Using standard inductor values:
IL =
VOUT
(f)(L)
1–
VOUT
VIN
A 4.7μH inductor will produce 23% ripple current and a
3.3μH will result in 33%. The peak inductor current will be
the maximum DC value plus one half the ripple current, or
5.84A, for the 3.3μH value. Increasing the ripple current
will also help ensure that the minimum on-time of 100ns
is not violated. The minimum on-time occurs at maximum
VIN:
tON(MIN) =
VOUT
VIN(MAX)f
=
1.8V
22V(300kHz)
= 273ns
The RSENSE resistor value can be calculated by using the
maximum current sense voltage specification with some
accommodation for tolerances:
RSENSE
60mV
5.84A
0.01
Since the output voltage is below 2.4V the output resistive
divider will need to be sized to not only set the output
voltage but also to absorb the SENSE pin’s specified
input current.
R1(MAX) = 24k
0.8V
2.4V – VOUT
= 24k
0.8V
2.4V – 1.8V
= 32k
Choosing 1% resistors: R1 = 25.5k and R2 = 32.4k yields
an output voltage of 1.816V.
The power dissipation on the top side MOSFET can be easily
estimated. Choosing a Fairchild FDS6982S dual MOSFET
results in: RDS(ON) = 0.035Ω/0.022Ω, CMILLER = 215pF. At
maximum input voltage with T(estimated) = 50°C:
PMAIN =
1.8V
22V
5
()2 1+(0.005)(50°C–25°C)
[]•
0.035
()+ 22V
()2
5A
2
4
() 215pF
()•
1
5– 2.3
+
1
2.3
300kHz
()=332mW
A short-circuit to ground will result in a folded back
current of:
ISC =
25mV
0.01
–
1
2
120ns(22V)
3.3
μH
= 2.1A
with a typical value of RDS(ON)and δ = (0.005/°C)(20) = 0.1.
The resulting power dissipated in the bottom MOSFET is:
PSYNC =
22V – 1.8V
22V
2.1A
()2 1.125
() 0.022
()
= 100mW
which is less than under full-load conditions.
CIN is chosen for an RMS current rating of at least 3A at
temperature assuming only this channel is on. COUT is
chosen with an ESR of 0.02Ω for low output ripple. The
output ripple in continuous mode will be highest at the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com