Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1735 Datasheet(PDF) 8 Page - Linear Technology

Part # LTC1735
Description  Dual, 550kHz, 2-Phase Synchronous Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1735 Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC1735 Datasheet HTML 4Page - Linear Technology LTC1735 Datasheet HTML 5Page - Linear Technology LTC1735 Datasheet HTML 6Page - Linear Technology LTC1735 Datasheet HTML 7Page - Linear Technology LTC1735 Datasheet HTML 8Page - Linear Technology LTC1735 Datasheet HTML 9Page - Linear Technology LTC1735 Datasheet HTML 10Page - Linear Technology LTC1735 Datasheet HTML 11Page - Linear Technology LTC1735 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
LTC3728L-1
8
3728l1fc
PIN FUNCTIONS
VOSENSE1, VOSENSE2: Error Amplifier Feedback Input.
Receives the remotely-sensed feedback voltage for each
controller from an external resistive divider across the
output.
PLLFLTR: Filter Connection for Phase-Locked Loop. Alter-
natively, this pin can be driven with an AC or DC voltage
source to vary the frequency of the internal oscillator.
PLLIN: External Synchronization Input to Phase Detector.
This pin is internally terminated to SGND with 50kΩ. The
phase-locked loop will force the rising top gate signal of
controller 1 to be synchronized with the rising edge of
the PLLIN signal.
FCB: Forced Continuous Control Input. This input acts
on both controllers and is normally used to regulate a
secondary winding. Pulling this pin below 0.8V will force
continuous synchronous operation.
ITH1, ITH2: Error Amplifier Output and Switching Regulator
Compensation Point. Each associated channels’ current
comparator trip point increases with this control voltage.
SGND: Small Signal Ground. Common to both controllers,
this pin must be routed separately from high current
grounds to the common (–) terminals of the COUT
capacitors.
3.3VOUT: Linear Regulator Output. Capable of supplying
10mA DC with peak currents as high as 50mA.
NC: No Connect.
SENSE2–, SENSE1–:
The (–) Input to the Differential Cur-
rent Comparators.
SENSE2+, SENSE1+:
The (+) Input to the Differential Current
Comparators. The ITH pin voltage and controlled offsets
between the SENSE– and SENSE+ pins in conjunction with
RSENSE set the current trip threshold.
RUN/SS2, RUN/SS1: Combination of soft-start and run
control inputs. A capacitor to ground at each of these pins
sets the ramp time to full output current. Forcing either of
these pins back below 1.0V causes the IC to shut down
the circuitry required for that particular controller.
TG2, TG1: High Current Gate Drives for Top N-Channel
MOSFETs. These are the outputs of floating drivers with
a voltage swing equal to INTVCC – 0.5V superimposed on
the switch node voltage SW.
SW2, SW1: Switch Node Connections to Inductors. Voltage
swing at these pins is from a Schottky diode (external)
voltage drop below ground to VIN.
BOOST2, BOOST1: Bootstrapped Supplies to the Top
Side Floating Drivers. Capacitors are connected between
the boost and switch pins and Schottky diodes are tied
between the boost and INTVCC pins. Voltage swing at the
boost pins is from INTVCC to (VIN + INTVCC).
BG2, BG1: High Current Gate Drives for Bottom (Synchro-
nous) N-Channel MOSFETs. Voltage swing at these pins
is from ground to INTVCC.
PGND: Driver Power Ground. Connects to the sources of
bottom (synchronous) N-channel MOSFETs, anodes of the
Schottky rectifiers and the (–) terminal(s) of CIN.
INTVCC: Output of the Internal 5V Linear Low Dropout
Regulator and the EXTVCC Switch. The driver and control
circuits are powered from this voltage source. Must be
decoupled to power ground with a minimum of 4.7μF
tantalum or other low ESR capacitor.
EXTVCC: External Power Input to an Internal Switch Con-
nected to INTVCC. This switch closes and supplies VCC
power, bypassing the internallow dropout regulator, when-
ever EXTVCC is higher than 4.7V. See EXTVCC connection
in Applications section. Do not exceed 7V on this pin.
VIN: Main Supply Pin. A bypass capacitor should be tied
between this pin and the signal ground pin.
PGOOD: Open-Drain Logic Output. PGOOD is pulled to
ground when the voltage on either VOSENSE pin is not
within ±7.5% of its set point.
Exposed Pad (UH Package Only): Signal Ground. Must
be soldered to the PCB, providing a local ground for the
control components of the IC, and be tied to the PGND
pin under the IC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com