Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3822 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC3822
Description  Low Input Voltage, Synchronous Step-Down DC/DC Controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3822 Datasheet(HTML) 1 Page - Linear Technology

  LTC3822 Datasheet HTML 1Page - Linear Technology LTC3822 Datasheet HTML 2Page - Linear Technology LTC3822 Datasheet HTML 3Page - Linear Technology LTC3822 Datasheet HTML 4Page - Linear Technology LTC3822 Datasheet HTML 5Page - Linear Technology LTC3822 Datasheet HTML 6Page - Linear Technology LTC3822 Datasheet HTML 7Page - Linear Technology LTC3822 Datasheet HTML 8Page - Linear Technology LTC3822 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
LTC3852
1
3852f
TYPICAL APPLICATION
FEATURES
DESCRIPTION
Low Input Voltage,
Synchronous Step-Down
DC/DC Controller
The LTC®3852 is a constant frequency, current mode
step-down DC/DC controller which can be powered by an
onboard charge pump. Input supplies as low as 2.7V, when
doubled by the charge pump, provide 5V to the LTC3852’s
control logic and gate drives, supporting a wide selection
of logic-level N-channel power MOSFETs.
Theconstant-frequencycurrentmodearchitectureallowsfor
a phase-lockable fixed frequency of up to 750kHz. The RUN
pinprovidesaprecisionenablethresholdwhiletheTRACK/SS
pin combines tracking and adjustable soft-start features.
The MODE/PLLIN pin selects among Burst Mode® oper-
ation, pulse-skipping mode, and continuous current mode.
Current foldback limits MOSFET power dissipation during
short-circuit conditions. Reverse current and current
foldback functions are disabled during soft-start. A power
good output pin indicates when the output is within ±10%
of its designed set point.
Efficiency and Power Loss
vs Load Current
APPLICATIONS
n Charge Pump Input Range: 2.7V to 5.5V
n Controller Input Range: 4V to 38V
n Integrated Charge Pump Provides 5V Gate Drive to
Logic Level MOSFETs
n RSENSE or DCR Current Sensing
n ±1.25% Output Voltage Accuracy Over Temperature
n Phase-Lockable Fixed Frequency: 250kHz to 750kHz
n Power Good Output Voltage Monitor
n Adjustable Soft-Start Voltage Ramping
n Current Foldback Disabled During Start-Up
n No Reverse Current During Soft-Start
n Selectable Constant Frequency, Pulse-Skipping, or
Burst Mode Operation
n Output Overvoltage Protection
n Very Low Dropout Operation: 99% Duty Cycle
n Available in a 24-Lead (3mm
¥ 5mm) QFN Package
n General Purpose 3.3V Systems
n Lithium-Ion Powered Devices
n Distributed DC Power Systems
L, LT, LTC, LTM, Linear Technology, Burst Mode and the Linear logo are registered trademarks
and No RSENSE is a trademark of Linear Technology Corporation. All other trademarks are the
property of their respective owners. Protected by U.S. Patents including 5408150, 5481178,
5705919, 6498466, 6580258, 6611131.
PGO0D
C+
C–
RUN
SHDN
TRACK/SS
ITH
MODE/PLLIN
FREQ/PLLFLTR
VIN1
INTVCC
TG
SW
INTVCC
BG
SENSE+
SENSE–
VFB
VPUMP
VIN2
GND2
GND1
0.1μF
0.1μF
4.7μF
2.1k
LTC3852
22μF
VIN
2.7V TO 5.5V
VOUT
1.2V
20A
3852 TA01
0.36μH
100pF
CHARGE PUMP
2.2μF
1nF
0.1μF
100k
470μF
×2
BOOST
12.1k
40.2k
1%
20k
1%
95.3k
+
ON
OFF
High Efficiency Synchronous Step-Down Converter
LOAD CURRENT (A)
120
10
0
100
90
80
70
60
50
40
30
20
10
0
5
4.5
4
3.5
3
2.5
2
1.5
1
0.5
3852 TA01a
EFFICIENCY
POWER LOSS


Similar Part No. - LTC3822

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3822 LINER-LTC3822 Datasheet
237Kb / 20P
No RSENSETM, Low Input Voltage, Synchronous Step-Down DC/DC Controller
LTC3822-1 LINER-LTC3822-1 Datasheet
375Kb / 24P
No RSENSE, Low Input Voltage, Synchronous Step-Down DC/DC Controller
LTC3822-1 LINER-LTC3822-1_15 Datasheet
385Kb / 24P
No RSENSE, Low Input Voltage, Synchronous Step-Down DC/DC Controller
LTC3822EDD LINER-LTC3822EDD Datasheet
237Kb / 20P
No RSENSETM, Low Input Voltage, Synchronous Step-Down DC/DC Controller
LTC3822EDD-1 LINER-LTC3822EDD-1 Datasheet
375Kb / 24P
No RSENSE, Low Input Voltage, Synchronous Step-Down DC/DC Controller
More results

Similar Description - LTC3822

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ML3406 ETC1-ML3406 Datasheet
730Kb / 12P
Synchronous Step-Down DC-DC Controller
logo
Linear Technology
LTC3822 LINER-LTC3822 Datasheet
237Kb / 20P
No RSENSETM, Low Input Voltage, Synchronous Step-Down DC/DC Controller
LTC3822-1 LINER-LTC3822-1 Datasheet
375Kb / 24P
No RSENSE, Low Input Voltage, Synchronous Step-Down DC/DC Controller
logo
Torex Semiconductor
XC9213 TOREX-XC9213_2 Datasheet
1Mb / 34P
Synchronous Step-Down DC/DC Controller IC - Input Voltage : 25V
logo
Linear Technology
LTC1773 LINER-LTC1773 Datasheet
293Kb / 20P
Synchronous Step-Down DC/DC Controller
LTC1773 LINER-LTC1773_15 Datasheet
298Kb / 20P
Synchronous Step-Down DC/DC Controller
LTC3822 LINER-LTC3822_15 Datasheet
209Kb / 20P
Voltage, Synchronous Step-Down DC/DC Controller
LTC3822-1 LINER-LTC3822-1_15 Datasheet
385Kb / 24P
No RSENSE, Low Input Voltage, Synchronous Step-Down DC/DC Controller
LTC3852 LINER-LTC3852_15 Datasheet
424Kb / 32P
Low Input Voltage, Synchronous Step-Down DC/DC Controller
logo
Zilog, Inc.
IXD3220 ZILOG-IXD3220 Datasheet
1Mb / 18P
16V Input Voltage Step-Down DC/DC Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com