Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3822 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC3822
Description  Low Input Voltage, Synchronous Step-Down DC/DC Controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3822 Datasheet(HTML) 3 Page - Linear Technology

  LTC3822 Datasheet HTML 1Page - Linear Technology LTC3822 Datasheet HTML 2Page - Linear Technology LTC3822 Datasheet HTML 3Page - Linear Technology LTC3822 Datasheet HTML 4Page - Linear Technology LTC3822 Datasheet HTML 5Page - Linear Technology LTC3822 Datasheet HTML 6Page - Linear Technology LTC3822 Datasheet HTML 7Page - Linear Technology LTC3822 Datasheet HTML 8Page - Linear Technology LTC3822 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
LTC3852
3
3852f
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Main Control Loop (Step-Down Regulator)
VIN2
Controller Input Voltage Range
l
438
V
VFB
Regulated Feedback Voltage
(Note 3); ITH Voltage = 1.2V
l
0.790
0.800
0.810
V
IFB
Feedback Current
(Note 3)
–10
–50
nA
VREFLNREG
Reference Voltage Line Regulation
(Notes 3, 9); VIN2 = 6V to 38V
0.002
0.02
%/V
VLOADREG
Output Voltage Load Regulation
(Note 3)
Measured in Servo Loop;
DITH Voltage = 1.2V to 0.7V
l
0.01
0.1
%
Measured in Servo Loop;
DITH Voltage = 1.2V to 1.6V
l
–0.01
–0.1
%
gm
Transconductance Amplifier gm
(Note 3); ITH = 1.2V;
Sink/Source 5μA
2
mmho
IQ(VIN2)
Controller Input DC Supply Current
(Note 4) VFB = 0.9V
(RUN = 3.3V)
1.4
mA
Shutdown Supply Current
RUN = 0V
25
50
μA
IQ(VIN1)
Total Input DC Supply Current
(Notes 4, 7) VFB = 0.9V
(RUN = SHDN = 3.3V)
7mA
Shutdown Supply Current
(Note 7) RUN = SHDN = 0V
5
μA
UVLO
Undervoltage Lockout
INTVCC Ramping Down
3.25
V
Undervoltage Hysteresis
0.4
V
VOVL
Feedback Overvoltage Lockout
Measured at VFB
l
0.86
0.88
0.90
V
ISENSE
SENSE Pins Current
–2.0
2.0
μA
ITRACK/SS
Soft-Start Charge Current
VTRACK/SS = 0V
0.5
1
2
μA
VRUN
RUN Pin On Threshold
VRUN Rising
l
1.1
1.22
1.35
V
VRUN(HYS)
RUN Pin On Hysteresis
130
mV
VSENSE(MAX)
Maximum Current Sense Threshold
VFB = 0.7V, VSENSE– = 3.3V
l
40
53
68
mV
TG RUP
TG Driver Pull-Up On-Resistance
TG High
2.2
Ω
TG RDOWN
TG Driver Pull-Down On-Resistance
TG Low
1.2
Ω
BG RUP
BG Driver Pull-Up On-Resistance
BG High
2.1
Ω
BG RDOWN
BG Driver Pull-Down On-Resistance
BG Low
1.1
Ω
TG tr
TG tf
Top Gate Rise Time
Top Gate Fall Time
CLOAD = 3300pF (Note 5)
25
25
ns
ns
BG tr
BG tf
Bottom Gate Rise Time
Bottom Gate Fall Time
CLOAD = 3300pF (Note 5)
25
25
ns
ns
TG/BG t1D
Top Gate Off to Bottom Gate On Delay
Synchronous Switch-On Delay Time
CLOAD = 3300pF (Note 5)
30
ns
BG/TG t1D
Bottom Gate Off to Top Gate On Delay
Top Switch-On Delay Time
CLOAD = 3300pF (Note 5)
30
ns
tON(MIN)
Minimum On-Time
(Note 6)
90
ns
The
l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C (Note 2), VIN1 = 3.3V, VIN2 = 15V, VRUN = 3.3V, SHDN = 0V,
MODE/PLLIN = 0V unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com