Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3822 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC3822
Description  Low Input Voltage, Synchronous Step-Down DC/DC Controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3822 Datasheet(HTML) 5 Page - Linear Technology

  LTC3822 Datasheet HTML 1Page - Linear Technology LTC3822 Datasheet HTML 2Page - Linear Technology LTC3822 Datasheet HTML 3Page - Linear Technology LTC3822 Datasheet HTML 4Page - Linear Technology LTC3822 Datasheet HTML 5Page - Linear Technology LTC3822 Datasheet HTML 6Page - Linear Technology LTC3822 Datasheet HTML 7Page - Linear Technology LTC3822 Datasheet HTML 8Page - Linear Technology LTC3822 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
LTC3852
5
3852f
TYPICAL PERFORMANCE CHARACTERISTICS
Load Step
Load Step
(Burst Mode Operation)
Load Step
(Forced Continuous Mode)
Load Step
(Pulse-Skipping Mode)
Inductor Current at Light Load
Start-Up with Prebiased Output
at 0.5V
Efficiency vs Output Current
and Mode
LOAD CURRENT (A)
0.01
40
60
80
0.1
1
10
100
3852 G02
20
0
100
CCM
PULSE-SKIPPING
Burst Mode OPERATION
FIGURE 16 CIRCUIT
ILOAD
10A/DIV
1A TO 12A
VOUT
100mV/DIV
AC-COUPLED
IL
10A/DIV
20μs/DIV
VOUT = 1.2V
VIN1 = 3.3V
FIGURE 17 CIRCUIT
3852 G05
ILOAD
10A/DIV
5A TO 15A
VOUT
100mV/DIV
AC-COUPLED
IL
10A/DIV
50μs/DIV
3852 G04
VOUT = 1.5V
VIN1 = 3.3V
FIGURE 16 CIRCUIT
ILOAD
10A/DIV
1A TO 12A
VOUT
100mV/DIV
AC-
COUPLED
IL
10A/DIV
20μs/DIV
VOUT = 1.2V
VIN1 = 3.3V
FIGURE 17 CIRCUIT
3852 G06
ILOAD
10A/DIV
1A TO 12A
VOUT
100mV/DIV
AC-
COUPLED
IL
10A/DIV
20μs/DIV
VOUT = 1.2V
VIN1 = 3.3V
FIGURE 17 CIRCUIT
3852 G07
FORCED
CONTINOUS
MODE
5A/DIV
PULSE-
SKIPPING
MODE 5A/DIV
Burst Mode
OPERATION
5A/DIV
1μs/DIV
VOUT = 1.5V
VIN2 = 3.3V
ILOAD = 500mA
FIGURE 17 CIRCUIT
3852 G08
VOUT
1V/DIV
VFB
0.5V/DIV
0V
20ms/DIV
3852 G09
TRACK/SS
0.5V/DIV
FIGURE 16 CIRCUIT
Coincident Tracking with Master
Supply
Ratiometric Tracking with Master
Supply
VMASTER
0.5V/DIV
VOUT
2A LOAD
0.5V/DIV
100ms/DIV
3852 G10
FIGURE 16 CIRCUIT
0V
VMASTER
0.5V/DIV
VOUT
2A LOAD
0.5V/DIV
10ms/DIV
3852 G11
FIGURE 16 CIRCUIT
0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com