Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3822 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC3822
Description  Low Input Voltage, Synchronous Step-Down DC/DC Controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3822 Datasheet(HTML) 4 Page - Linear Technology

  LTC3822 Datasheet HTML 1Page - Linear Technology LTC3822 Datasheet HTML 2Page - Linear Technology LTC3822 Datasheet HTML 3Page - Linear Technology LTC3822 Datasheet HTML 4Page - Linear Technology LTC3822 Datasheet HTML 5Page - Linear Technology LTC3822 Datasheet HTML 6Page - Linear Technology LTC3822 Datasheet HTML 7Page - Linear Technology LTC3822 Datasheet HTML 8Page - Linear Technology LTC3822 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
LTC3852
4
3852f
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Oscillator and Phase-Locked Loop (Step-Down Regulator)
fNOM1
Nominal Frequency
RFREQ = 60k
460
500
540
kHz
fLOW1
Lowest Frequency
RFREQ = 160k
205
235
265
kHz
fHIGH1
Highest Frequency
RFREQ = 36k
690
750
810
kHz
fNOM2
Nominal Frequency
RFREQ = 60k (Note 7)
460
500
540
kHz
fLOW2
Lowest Frequency
RFREQ = 160k (Note 7)
205
235
265
kHz
fHIGH2
Highest Frequency
RFREQ = 36k (Note 7)
690
750
810
kHz
fMODE
MODE/PLLIN Minimum Input Frequency
MODE/PLLIN Maximum Input Frequency
MODE/PLLIN = External Clock
250
750
kHz
kHz
RMODE/PLLIN
MODE/PLLIN Input Resistance
100
kΩ
IFREQ
Phase Detector Output Current
Sinking Capability
Sourcing Capability
fMODE > fOSC
fMODE < fOSC
–90
75
μA
μA
PGOOD Output
VPGL
PGOOD Voltage Low
IPGOOD = 2mA
0.1
0.3
V
IPGOOD
PGOOD Leakage Current
VPGOOD = 5V
±1
μA
VPG
PGOOD Trip Level
VFB with Respect to Regulated Voltage
VFB Ramping Negative
VFB Ramping Positive
–12
8
–10
10
–8
12
%
%
VPUMP Charge Pump Supply (VIN1 = 3.3V; VSHDN = 3.3V, VRUN = 0); CVIN1 = 4.7μF, CFLY = 2.2μF, CVPUMP = 4.7μF
VIN1
Input Voltage Range
2.7
5.5
V
VPUMP
Charge Pump Doubler Output Voltage
CFLY = 2.2μF
2.7V < VIN1 < 5.5V; IVPUMP = 1mA
l
4.8
5.05
5.3
V
ISHDN
Shutdown Pin Current
SHDN = 0V; VPUMP = 0V
1
μA
VRIPPLE
Output Ripple at VPUMP
IVPUMP = 50mA (Note 10)
20
mVP-P
fPUMP
Charge Pump Frequency
0.6
1.2
1.8
MHz
VIH
SHDN Input Threshold
l
1.3
V
VIL
SHDN Input Threshold
l
0.4
V
IIH
SHDN Input Current
–1
1
μA
IIL
SHDN Input Current
–1
1
μA
ROL
Effective Open-Loop Output Resistance
(Note 8)
VIN1 = 2.7V, VPUMP = 4.5V
6
Ω
ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C (Note 2), VIN1 = 3.3V, VIN2 = 15V, VRUN = 3.3V, SHDN = 0V,
MODE/PLLIN = 0V unless otherwise noted.
Note 1: Stresses beyond those listed under Absolute Maximum Ratings may
cause permanent damage to the device. Exposure to any Absolute Maximum
Rating condition for extended periods may affect device reliability and lifetime.
Note 2: The LTC3852 is tested under pulsed load conditions such that
TJ ≈ TA. The LTC3852E is guaranteed to meet specifications from
0°C to 85°C junction temperature. Specifications over the –40°C to
125°C operating junction temperature range are assured by design,
characterization and correlation with statistical process controls. The
LTC3852I is guaranteed over the –40°C to 125°C operating junction
temperature range. TJ is calculated from the ambient temperature, TA and
power dissipation PD according to the following formula:
TJ = TA + (PD • 38°C/W)
Note 3: The LTC3852 is tested in a feedback loop that servos VITH to a
specified voltage and measures the resultant VFB.
Note 4: Dynamic supply current is higher due to the gate charge being
delivered at the switching frequency. See Applications information.
Note 5: Rise and fall times are measured using 10% and 90% levels. Delay
times are measured using 50% levels. Rise and fall times are assured by
design, characterization and correlation with statistical process controls.
Note 6: The minimum on-time condition is specified for an inductor
peak-to-peak ripple current equal to 40% of IMAX (see Minimum On-Time
Considerations in the Applications Information Section).
Note 7: VIN1 = 3.3V; Connect VPUMP, VIN2 and INTVCC together.
Note 8: ROL = (2VIN - VOUT)/IOUT
Note 9: VIN2 swept while not connected to VPUMP or INTVCC.
Note 10: Guaranteed by design, not tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com