Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3752 Datasheet(PDF) 1 Page - Linear Technology

Part # LT3752
Description  Synchronous Rectifier Controller with Opto-Coupler Driver for Forward Converters
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3752 Datasheet(HTML) 1 Page - Linear Technology

  LT3752 Datasheet HTML 1Page - Linear Technology LT3752 Datasheet HTML 2Page - Linear Technology LT3752 Datasheet HTML 3Page - Linear Technology LT3752 Datasheet HTML 4Page - Linear Technology LT3752 Datasheet HTML 5Page - Linear Technology LT3752 Datasheet HTML 6Page - Linear Technology LT3752 Datasheet HTML 7Page - Linear Technology LT3752 Datasheet HTML 8Page - Linear Technology LT3752 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 48 page
background image
LT8311
1
8311f
For more information www.linear.com/LT8311
TYPICAL APPLICATION
FEATURES
DESCRIPTION
Synchronous Rectifier
Controller with Opto-Coupler
Driver for Forward Converters
The LT®8311 is used on the secondary side of a forward
converter to provide synchronous MOSFET control and
output voltage feedback through an opto-coupler. The
LT8311’s unique preactive mode allows control of the
secondary-side MOSFETs without requiring a traditional
pulse transformer for primary- to secondary-side com-
munication.Inpreactivemode,theoutputinductorcurrent
operates in discontinuous conduction mode (DCM) at
light load. If forced continuous mode (FCM) operation is
desired at light load, the LT8311 can, alternatively, be used
in SYNC mode, where a pulse transformer is required to
send synchronous control signals from the primary-side
IC to the LT8311.
The LT8311 offers a full featured opto-coupler controller,
incorporating a 1.5% reference, a transconductance error
amplifier and a 10mA opto-driver. Power good monitoring
and output soft-start/overshoot control are also included.
The LT8311 is available in a 16-lead FE package with pins
removed for high voltage spacing requirements.
18V to 72V, 12V/8A Active Clamp Isolated Forward Converter
APPLICATIONS
n
Wide Input Supply Range: 3.7V to 30V
n
Preactive Mode:
n
No Pulse Transformer Required
n
DCM Operation at Light Load
n
SYNC Mode:
n
FCM or DCM Operation at Light Load
n
Achieves Highest Efficiency
n
1.5% Feedback Voltage Reference
n
10mA Opto-Coupler Driver
n
Output Power Good Indicator
n
Integrated Soft-Start Function
n
Offline and HV Car Battery Isolated Power Supplies
n
48V Isolated Power Supplies
n
Industrial, Automotive and Military Systems
L
, LT, LTC, LTM, Linear Technology and the Linear logo are registered trademarks of Linear
Technology Corporation. All other trademarks are the property of their respective owners.
8311 TA01
LT3753
UVLO_VSEC
OVLO
IVSEC
RT
TOS
TBLNK
TAO
TAS
GND SS1
SS2
INTVCC
AOUT
FB
SYNC
SOUT
71.5k
1µF
0.47µF
4.7µF
× 3
VIN
18V to
72V
VIN
100k
5.9k
1.82k
31.6k
240kHz
34k
COMP
ISENSEN
OC
OUT
ISENSEP
49.9k
2.2µF
100V
•
•
100nF
4.7µF
2k
6m
100
1µF
1k
100k
100k
124k
LT8311
FSW
CSW
CSP
CG
CSN
OPTO
GND
COMP
SYNC
PMODE
SS
FB
VIN
INTVCC
PGOOD
TIMER
VOUT
12V
VOUT
6.8µH
1.78k
1.5k
FG
2k
100k
20k
11.3k
22µF
× 2
2k
1.78k
470µF
68pF
15nF
2.94k
1µF
4.7µF
2.2µF
2.2nF
10k
100nF
4:4
100k
2.2nF
10pF
+


Similar Part No. - LT3752

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3752 LINER-LT3752 Datasheet
538Kb / 10P
Active Clamp Forward Converter with Synchronous Rectification
logo
Analog Devices
LT3752 AD-LT3752 Datasheet
2Mb / 52P
Active Clamp Synchronous Forward Controllers with Internal Housekeeping Controller
06/19-REV.C
LT3752-1 AD-LT3752-1 Datasheet
2Mb / 52P
Active Clamp Synchronous Forward Controllers with Internal Housekeeping Controller
06/19-REV.C
logo
Linear Technology
LT3752-1 LINER-LT3752-1_15 Datasheet
609Kb / 52P
Active Clamp Synchronous Forward Controllers with Internal Housekeeping Controller
logo
Analog Devices
LT3752EFE#PBF AD-LT3752EFE#PBF Datasheet
2Mb / 52P
Active Clamp Synchronous Forward Controllers with Internal Housekeeping Controller
06/19-REV.C
More results

Similar Description - LT3752

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3900 LINER-LTC3900 Datasheet
198Kb / 12P
Synchronous Rectifier Driver for Forward Converters
logo
Zetex Semiconductors
ZXGD3101T8 ZETEX-ZXGD3101T8 Datasheet
917Kb / 14P
Synchronous rectifier controller for flyback converters
logo
Diodes Incorporated
ZXGD3101T8 DIODES-ZXGD3101T8 Datasheet
964Kb / 14P
Synchronous rectifier controller for flyback converters.
JANUARY 2009
logo
Linear Technology
LT4430 LINER-LT4430_1 Datasheet
479Kb / 26P
Secondary-Side Opto-Coupler Driver Ground-Referenced Opto-Coupler Drive
LTC3900 LINER-LTC3900_1 Datasheet
282Kb / 20P
Synchronous Rectifier Driver for Forward Converters
LTC4278 LINER-LTC4278_12 Datasheet
504Kb / 42P
Synchronous No-Opto Flyback Controller
LT4430 LINER-LT4430_15 Datasheet
575Kb / 26P
Secondary-Side Opto-Coupler Driver
LT8311 LINER-LT8311_15 Datasheet
732Kb / 48P
Synchronous Rectifier Controller with Opto-Coupler Driver for Forward Converters
logo
Diodes Incorporated
ZXGD3101T8 DIODES-ZXGD3101T8_15 Datasheet
964Kb / 14P
Synchronous rectifier controller for flyback converters.
JANUARY 2009
logo
ON Semiconductor
FAN6241M6X ONSEMI-FAN6241M6X Datasheet
561Kb / 11P
Secondary Side Synchronous Rectifier Controller for Flyback Converters
March, 2020 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com