Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3752 Datasheet(PDF) 22 Page - Linear Technology

Part # LT3752
Description  Synchronous Rectifier Controller with Opto-Coupler Driver for Forward Converters
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3752 Datasheet(HTML) 22 Page - Linear Technology

Back Button LT3752 Datasheet HTML 18Page - Linear Technology LT3752 Datasheet HTML 19Page - Linear Technology LT3752 Datasheet HTML 20Page - Linear Technology LT3752 Datasheet HTML 21Page - Linear Technology LT3752 Datasheet HTML 22Page - Linear Technology LT3752 Datasheet HTML 23Page - Linear Technology LT3752 Datasheet HTML 24Page - Linear Technology LT3752 Datasheet HTML 25Page - Linear Technology LT3752 Datasheet HTML 26Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 48 page
background image
LT8311
22
8311f
For more information www.linear.com/LT8311
With SS charged up to 2V, the transconductance error
amplifier, A1, sinks or sources current from its output,
COMP, if there is any voltage difference between the FB pin
voltage and the 1.227V reference. The COMP pin, offset
by 0.9V, serves as the input to the opto-driver, A2. If an
increase in output load current causes the FB pin voltage
to be lower than 1.227V, A1 drives the COMP pin high.
COMP going high forces A2 to drive OPTO low, sourcing
less current through RD into the opto-coupler.
Since an opto-coupler’s output current is directly propor-
tional to its input current, this decreased input current for
theopto-couplerwillcauseitsoutputcurrent,andtherefore
its emitter voltage at RE, to decrease as well. The drop
in RE voltage causes A3, through its inverting action, to
drive its output, VC, higher. An increase in the VC voltage
causes the comparator, A4, to command a higher sense
voltage across the RSNS resistor, commanding M1 to run
at a higher peak current. Since the current through M1 is
Figure 9. Flowchart for LT8311 Opto Control Operation at Start-Up
COMP < 2.2V
NO
SS PULL-DOWN AMPLIFIER ENABLED
OPTO-DRIVER ACTIVATION
8311 F09
1. ERROR AMP DISABLED: COMP PIN VOLTAGE CHARGED UP TO COMP HI CLAMP = 2.2V; tRISE ∼ 1.1 • 10kΩ • CC
2. SS PULL-DOWN AMPLIFIER DISABLED
3. SS PULL-UP AMPLIFIER ACTIVATED. THIS AMPLIFIER ONLY HAS SOURCING CAPABILITY (1mA SLEW CURRENT), AND
WILL DRIVE SS PIN VOLTAGE CLOSE TO FB PIN VOLTAGE (VFB – VSS ≅ 16mV)
4. SS 10µA CHARGE CURRENT ACTIVATED
5. OPTO-DRIVER DISABLED: OPTO PIN VOLTAGE HELD AT 0V
OPTO-DRIVER DEACTIVATION
VIN > 3.7V
1. SS PULL-UP AMPLIFIER DISABLED
2. SS PULL-DOWN AMPLIFIER ENABLED: THIS AMPLIFIER ONLY ACTIVATED WHEN FB PIN VOLTAGE IS LESS THAN 50%
OF FB REFERENCE VOLTAGE. THIS AMPLIFIER ONLY HAS SINKING CAPABILITY (12mA SLEW CURRENT) AND WILL
DRIVE SS PIN VOLTAGE TO BE NO HIGHER THAN 90mV ABOVE FB
1. ERROR AMP ENABLED: ERROR AMP CAN NOW DRIVE COMP BASED ON COMPARING FB VOLTAGE WITH SS VOLTAGE
OR 1.227V REFERENCE
2. OPTO-DRIVER ENABLED: OPTO-DRIVER CAN NOW DRIVE OPTO PIN AS A FUNCTION OF COMP PIN VOLTAGE
SS > FB – 16mV
YES
YES
NO
OPERATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com