Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3752 Datasheet(PDF) 32 Page - Linear Technology

Part # LT3752
Description  Synchronous Rectifier Controller with Opto-Coupler Driver for Forward Converters
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3752 Datasheet(HTML) 32 Page - Linear Technology

Back Button LT3752 Datasheet HTML 28Page - Linear Technology LT3752 Datasheet HTML 29Page - Linear Technology LT3752 Datasheet HTML 30Page - Linear Technology LT3752 Datasheet HTML 31Page - Linear Technology LT3752 Datasheet HTML 32Page - Linear Technology LT3752 Datasheet HTML 33Page - Linear Technology LT3752 Datasheet HTML 34Page - Linear Technology LT3752 Datasheet HTML 35Page - Linear Technology LT3752 Datasheet HTML 36Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 48 page
background image
LT8311
32
8311f
For more information www.linear.com/LT8311
APPLICATIONS INFORMATION
In reality, the drain voltage of the forward MOSFET will
havesome“bowing”overandabovethevoltagecalculated
here, associated with the energy shuttled between LMAG
and CCL during the reset process. For most applications,
this bowing can be accounted for by adding a 20% safety
margin on the forward MOSFET’s VDS(MAX) equation.
When using resonant reset:
Forward MOSFET VDS(MAX) ≈
VOUT
fSW • 2 • LMAG •CRST
where fSW is the forward converter’s switching frequency,
LMAG is the magnetizing inductance of the transformer’s
primary winding, and CRST is the resonant reset capacitor
used on the primary side.
Unlike the catch MOSFET, the VDS(MAX) equation of the
forward MOSFET typically does not need to account for
leakageinductancevoltagespikes.Thisisbecausetheturn-
on and turn-off events of the forward MOSFET, typically,
do not involve the forward MOSFET’s drain having to dis-
sipate large amounts of stored leakage inductance energy.
2. Maximum IDS Rating
Most power MOSFET data sheets have a rating for
continuous-drain current, and pulse-drain current.
Continuous-drain current is the RMS drain current of the
catch and forward MOSFET, which is a function of the
inductor current, and the duty cycle at which the forward
converter is operating. Pulse-drain current is the
instantaneousmaximumdraincurrentseenbytheMOSFETs,
and is typically the peak of the inductor current waveform.
Prior to calculating the maximum continuous-drain cur-
rent, it is useful to calculate the minimum, maximum and
average duty cycles of the forward converter:
DMIN =
VOUT
VIN(MAX) •
NS
NP


DMAX =
VOUT
VIN(MIN) •
NS
NP


DAVG =
DMAX +DMIN
2
where VIN(MAX) and VIN(MIN) are the maximum and mini-
mum input voltages of the forward converter.
The catch MOSFET’s maximum continuous drain current,
ICAT_RMS, can be calculated as:
ICAT_RMS = 1−DMIN
(
)• ILOAD(MAX) 2 +
IRIPP(P−P)
2
12
where DMIN is the minimum duty cycle of the forward
converter, ILOAD(MAX) is the maximum output load current
of the forward converter, and IRIPP(P-P) is the peak-to-
peak ripple current in the output inductor. IRIPP(P-P) is
calculated as follows:
IRIPP(P−P) = VOUT •
1
−DAVG
fSW •LOUT
where DAVG is the average duty cycle of the forward con-
verter, fSW is the converter’s switching frequency, and
LOUT is the output inductance value.
TheforwardMOSFET’smaximumcontinuous-draincurrent
(IFWD_RMS) is:
IFWD_RMS = DMAX • ILOAD(MAX) 2 +
IRIPP(P−P)
2
12
Both, the forward and catch MOSFET should have a peak
pulse current rating that is higher than the highest pos-
sible peak of the inductor current. This highest possible
peak occurs at the maximum load current, and is equal to:
ILOAD(MAX) +
IRIPP(P−P)
2
3. Maximum VGS Rating
As explained earlier in the INTVCC Bias Supply section,
INTVCC is regulated internally to 7V by the LT8311. By
extension, the catch and forward MOSFET gates can be
drivenashighas7VwhenusingtheLT8311’sinternalLDO
to regulate INTVCC. For applications using the LT8311’s
internal LDO, picking a maximum VGS greater than 10V
should suffice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com