Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3752 Datasheet(PDF) 35 Page - Linear Technology

Part # LT3752
Description  Synchronous Rectifier Controller with Opto-Coupler Driver for Forward Converters
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3752 Datasheet(HTML) 35 Page - Linear Technology

Back Button LT3752 Datasheet HTML 31Page - Linear Technology LT3752 Datasheet HTML 32Page - Linear Technology LT3752 Datasheet HTML 33Page - Linear Technology LT3752 Datasheet HTML 34Page - Linear Technology LT3752 Datasheet HTML 35Page - Linear Technology LT3752 Datasheet HTML 36Page - Linear Technology LT3752 Datasheet HTML 37Page - Linear Technology LT3752 Datasheet HTML 38Page - Linear Technology LT3752 Datasheet HTML 39Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 48 page
background image
LT8311
35
8311f
For more information www.linear.com/LT8311
APPLICATIONS INFORMATION
The TIMER resistor is typically picked to set a timeout
period that is 20% higher than the forward converter’s
nominal switching period.
Timeout
=
1.20
fSW
where fSW is converter switching frequency in Hz.
Once a timeout period is calculated, the TIMER pin resis-
tor, RTIMER, can be calculated as follows:
RTIMER (kΩ) ~ 22.1E6 • Timeout
where Timeout has units of seconds.
The relationship between RTIMER and timeout is not per-
fectly linear. Table 1 shows RTIMERvalues(nearest1%)for
arangeoftypicalforwardconverterswitchingfrequencies:
Table 1. RTIMER 1% Resistor Values for Different Forward
Converter Switching Frequencies
SWITCHING
FREQUENCY (kHz)
TIMEOUT (µs) = 1.2/fSW
RTIMER (kΩ)
100
12
267
150
8
178
200
6
133
250
4.8
107
300
4
88.7
400
3
66.5
500
2.4
53.6
Setting the timeout period at 1.2 • Switching Period will
keep synchronous conduction shut off through frequency
foldback in preactive mode, until the switching frequency
approaches 80% of its final value. For 100kHz switching
applications, this means that the LT8311 is ready for
synchronous conduction in preactive mode, at 80kHz.
Although80kHzisoutsidetheLT8311’sdatasheetspecifi-
cations for preactive mode operating frequency range, the
IC is designed to operate down to 80kHz to ride through
such a frequency foldback event. Timeout may also shut
off synchronous conduction during CSW pulse-skipping
events at light output load currents.
Setting RTIMER in SYNC Mode
In SYNC mode, the functionality of the timeout period is
similar to preactive mode, except that the resetting of the
LT8311’s internal timeout signal happens every time the
SYNC pin voltage falls below –1.2V. The goal of the time-
out function in SYNC mode is primarily to limit the catch
MOSFET on-time in the event that the catch MOSFET stays
ontoolongandconductsanunsafelevelofreverse-output
inductor current (current flows from the output capacitor
back towards the drain of the catch MOSFET). Refer to
the section, "Configuring CSP/CSN Inputs of the Current
Sense Comparators in SYNC Mode,” for further informa-
tion on what constitutes an unsafe level of reverse-output
inductor current.
In SYNC mode, set the timeout period to be 20% longer
than the longest switching period of the primary-side IC.
Typically, the longest switching period of the primary-
side IC corresponds to the smallest frequency foldback
frequency (fSW_SMALLEST):
Timeout
=
1.2
fSW _SMALLEST
Once a timeout period is calculated, the TIMER pin resis-
tor, RTIMER, can be calculated as follows:
RTIMER(kΩ) ~ 22.1E6 • Timeout
where Timeout has units of seconds, and fSW_SMALLEST
is in units of Hz.
Configuring CSP/CSN Inputs of Current Sense
Comparator in Preactive Mode
The differential input current sense comparator in the
LT8311 is used to provide the IC with information about
the current in the catch MOSFET. Connect the CSP and
CSN pins, through series resistors, to the drain and source
of the catch MOSFET (MCG), to allow the LT8311 to sense
the drain-source voltage of MCG, and make inferences
about its current. Alternatively, CSP and CSN can be tied,
through series resistors, across a sense resistor which
is placed from the source of MCG to ground. As explained
earlier in the Operation section, the CSP and CSN pins
should be configured, in preactive mode, to trip at zero
currentinthecatchMOSFET.Sincethecurrentcomparator
internally trips at 66mV, and the CSP pin sources 40µA,



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com