Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC755CPX400LE Datasheet(PDF) 35 Page - Motorola, Inc

Part # MPC755CPX400LE
Description  RISC Microprocessor Hardware Specifications
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC755CPX400LE Datasheet(HTML) 35 Page - Motorola, Inc

Back Button MPC755CPX400LE Datasheet HTML 31Page - Motorola, Inc MPC755CPX400LE Datasheet HTML 32Page - Motorola, Inc MPC755CPX400LE Datasheet HTML 33Page - Motorola, Inc MPC755CPX400LE Datasheet HTML 34Page - Motorola, Inc MPC755CPX400LE Datasheet HTML 35Page - Motorola, Inc MPC755CPX400LE Datasheet HTML 36Page - Motorola, Inc MPC755CPX400LE Datasheet HTML 37Page - Motorola, Inc MPC755CPX400LE Datasheet HTML 38Page - Motorola, Inc MPC755CPX400LE Datasheet HTML 39Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 56 page
background image
MPC755 RISC Microprocessor Hardware Specifications, Rev. 6.1
Freescale Semiconductor
35
Package Description
7.5 Package Parameters for the MPC755 PBGA
The package parameters are as provided in the following list. The package type is 25
× 25 mm, 360-lead plastic ball
grid array (PBGA).
Package outline
25
× 25 mm
Interconnects
360 (19
× 19 ball array – 1)
Pitch
1.27 mm (50 mil)
Minimum module height
2.22 mm
Maximum module height
2.77 mm
Ball diameter
0.75 mm (29.5 mil)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com