Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC755CPX400LE Datasheet(PDF) 11 Page - Motorola, Inc

Part # MPC755CPX400LE
Description  RISC Microprocessor Hardware Specifications
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC755CPX400LE Datasheet(HTML) 11 Page - Motorola, Inc

Back Button MPC755CPX400LE Datasheet HTML 7Page - Motorola, Inc MPC755CPX400LE Datasheet HTML 8Page - Motorola, Inc MPC755CPX400LE Datasheet HTML 9Page - Motorola, Inc MPC755CPX400LE Datasheet HTML 10Page - Motorola, Inc MPC755CPX400LE Datasheet HTML 11Page - Motorola, Inc MPC755CPX400LE Datasheet HTML 12Page - Motorola, Inc MPC755CPX400LE Datasheet HTML 13Page - Motorola, Inc MPC755CPX400LE Datasheet HTML 14Page - Motorola, Inc MPC755CPX400LE Datasheet HTML 15Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 56 page
background image
MPC755 RISC Microprocessor Hardware Specifications, Rev. 6.1
Freescale Semiconductor
11
Electrical and Thermal Characteristics
Table 6 provides the DC electrical characteristics for the MPC755.
Table 5. Thermal Sensor Specifications
At recommended operating conditions (see Table 3)
Characteristic
Min
Max
Unit
Notes
Temperature range
0
127
°C
1
Comparator settling time
20
—
µs
2, 3
Resolution
4
—
°C
3
Accuracy
–12
+12
°C
3
Notes:
1. The temperature is the junction temperature of the die. The thermal assist unit’s raw output does not indicate an absolute temperature, but
must be interpreted by software to derive the absolute junction temperature. For information about the use and calibration of the TAU, see
Freescale Application Note AN1800/D, Programming the Thermal Assist Unit in the MPC750 Microprocessor.
2. The comparator settling time value must be converted into the number of CPU clocks that need to be written into the THRM3 SPR.
3. Guaranteed by design and characterization.
Table 6. DC Electrical Specifications
At recommended operating conditions (see Table 3)
Characteristic
Nominal
Bus Voltage
1
Symbol
Min
Max
Unit
Notes
Input high voltage (all inputs except SYSCLK)
2.5
VIH
1.6
(L2)OVDD + 0.3
V
2, 3
3.3
VIH
2.0
(L2)OVDD + 0.3
V
2, 3
Input low voltage (all inputs except SYSCLK)
2.5
VIL
–0.3
0.6
V
2
3.3
VIL
–0.3
0.8
V
SYSCLK input high voltage
2.5
KVIH
1.8
OVDD + 0.3
V
3.3
KVIH
2.4
OVDD + 0.3
V
SYSCLK input low voltage
2.5
KVIL
–0.3
0.4
V
3.3
KVIL
–0.3
0.4
V
Input leakage current,
Vin = L2OVDD/OVDD
Iin
—10
µA
2, 3
High-Z (off-state) leakage current,
Vin = L2OVDD/OVDD
ITSI
—10
µA
2, 3, 5
Output high voltage, IOH = –6 mA
2.5
VOH
1.7
—
V
3.3
VOH
2.4
—
V
Output low voltage, IOL = 6 mA
2.5
VOL
—0.45
V
3.3
VOL
—0.4
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com