Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC755CPX400LE Datasheet(PDF) 41 Page - Motorola, Inc

Part # MPC755CPX400LE
Description  RISC Microprocessor Hardware Specifications
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC755CPX400LE Datasheet(HTML) 41 Page - Motorola, Inc

Back Button MPC755CPX400LE Datasheet HTML 37Page - Motorola, Inc MPC755CPX400LE Datasheet HTML 38Page - Motorola, Inc MPC755CPX400LE Datasheet HTML 39Page - Motorola, Inc MPC755CPX400LE Datasheet HTML 40Page - Motorola, Inc MPC755CPX400LE Datasheet HTML 41Page - Motorola, Inc MPC755CPX400LE Datasheet HTML 42Page - Motorola, Inc MPC755CPX400LE Datasheet HTML 43Page - Motorola, Inc MPC755CPX400LE Datasheet HTML 44Page - Motorola, Inc MPC755CPX400LE Datasheet HTML 45Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 56 page
background image
MPC755 RISC Microprocessor Hardware Specifications, Rev. 6.1
Freescale Semiconductor
41
System Design Information
Figure 23 describes the alternate driver impedance measurement circuit.
Figure 23. Alternate Driver Impedance Measurement Circuit
Table 18 summarizes the signal impedance results. The driver impedance values were characterized at 0°, 65°, and
105°C. The impedance increases with junction temperature and is relatively unaffected by bus voltage.
8.6 Pull-Up Resistor Requirements
The MPC755 requires pull-up resistors (1
−5kΩ) on several control pins of the bus interface to maintain the control
signals in the negated state after they have been actively negated and released by the MPC755 or other bus masters.
These pins are TS, ABB, AACK, ARTRY, DBB, DBWO, TA, TEA, and DBDIS. DRTRY should also be connected
to a pull-up resistor (1
−5kΩ) if it will be used by the system; otherwise, this signal should be connected to HRESET
to select NO-DRTRY mode (see the MPC750 RISC Microprocessor Family User’s Manual for more information on
this mode).
Three test pins also require pull-up resistors (100
Ω−1kΩ). These pins are L1_TSTCLK, L2_TSTCLK, and
LSSD_MODE. These signals are for factory use only and must be pulled up to OVDD for normal machine
operation.
In addition, CKSTP_OUT is an open-drain style output that requires a pull-up resistor (1
−5kΩ) if it is used by the
system.
During inactive periods on the bus, the address and transfer attributes may not be driven by any master and may,
therefore, float in the high-impedance state for relatively long periods of time. Since the MPC755 must continually
monitor these signals for snooping, this float condition may cause additional power draw by the input receivers on
the MPC755 or by other receivers in the system. These signals can be pulled up through weak (10-k
Ω) pull-up
resistors by the system or may be otherwise driven by the system during inactive periods of the bus to avoid this
Table 18. Impedance Characteristics
VDD = 2.0 V, OVDD = 3.3 V, Tj = 0°–105°C
Impedance
Processor Bus
L2 Bus
Symbol
Unit
RN
25–36
25–36
Z0
Ω
RP
26–39
26–39
Z0
Ω
(L2)OVDD
BGA
Data
Pin
Vforce
OGND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com