Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OXCB950 Datasheet(PDF) 36 Page - List of Unclassifed Manufacturers

Part # OXCB950
Description  Integrated High Performance UART Cardbus / PCI interface
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

OXCB950 Datasheet(HTML) 36 Page - List of Unclassifed Manufacturers

Back Button OXCB950 Datasheet HTML 32Page - List of Unclassifed Manufacturers OXCB950 Datasheet HTML 33Page - List of Unclassifed Manufacturers OXCB950 Datasheet HTML 34Page - List of Unclassifed Manufacturers OXCB950 Datasheet HTML 35Page - List of Unclassifed Manufacturers OXCB950 Datasheet HTML 36Page - List of Unclassifed Manufacturers OXCB950 Datasheet HTML 37Page - List of Unclassifed Manufacturers OXCB950 Datasheet HTML 38Page - List of Unclassifed Manufacturers OXCB950 Datasheet HTML 39Page - List of Unclassifed Manufacturers OXCB950 Datasheet HTML 40Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 68 page
background image
Data Sheet Revision 1.1
Page 36
OXCB950
OXFORD SEMICONDUCTOR LTD.
LCR[5:3]: Parity type
The selected parity type will be generated during
transmission and checked by the receiver, which may
produce a parity error as a result. In 9-bit mode parity is
disabled and LCR[5:3] is ignored.
LCR[5:3]
Parity type
xx0
No parity bit
001
Odd parity bit
011
Even parity bit
101
Parity bit forced to 1
111
Parity bit forced to 0
Table 17: LCR Parity Configuration
LCR[6]: Transmission break
logic 0
⇒ Break transmission disabled.
logic 1
⇒ Forces the transmitter data output SOUT low to
alert the communication terminal, or send zeros in IrDA
mode.
It is the responsibility of the software driver to ensure that
the break duration is longer than the character period for it
to be recognised remotely as a break rather than data.
LCR[7]: Divisor latch enable
logic 0
⇒ Access to DLL and DLM registers disabled.
logic 1
⇒ Access to DLL and DLM registers enabled.
7.5.3
Line Status Register ‘LSR’
This register provides the status of data transfer to CPU.
LSR[0]: RHR data available
logic 0
⇒ RHR is empty : no data available
logic 1
⇒ RHR is not empty: data is available to be read.
LSR[1]: RHR overrun error
logic 0
⇒ No overrun error.
logic 1
⇒ Data was received when the RHR was full. An
overrun error has occurred. The error is flagged
when the data would normally have been
transferred to the RHR.
LSR[2]: Received data parity error
logic 0
⇒ No parity error in normal mode or 9th bit of
received data is ‘0’ in 9-bit mode.
logic 1
⇒ Data has been received that did not have
correct parity in normal mode or 9th bit of
received data is ‘1’ in 9-bit mode.
The Parity error flag will be set when the data item in error
is at the top of the RHR and cleared following a read of the
LSR. In 9-bit mode LSR[2] is no longer a flag and
corresponds to the 9th bit of the received data in RHR.
LSR[3]: Received data framing error
logic 0
⇒ No framing error.
logic 1
⇒ Data has been received with an invalid stop bit.
This status bit is set and cleared in the same manner as
LSR[2]. When a framing error occurs, the UART will try to
re-synchronise by assuming that the error was due to
sampling the start bit of the next data item.
LSR[4]: Received break error
logic 0
⇒ No receiver break error.
logic 1
⇒ The receiver received a break.
A break condition occurs when the SIN line goes low
(normally signifying a start bit) and stays low throughout
the start, data, parity and first stop bit. (Note that the SIN
line is sampled at the bit rate). One zero character with
associated break flag set will be transferred to the RHR
and the receiver will then wait until the SIN line returns
high. The LSR[4] break flag will be set when this data item
gets to the top of the RHR and it is cleared following a read
of the LSR.
LSR[5]: THR empty
logic 0
⇒ Transmitter FIFO (THR) is not empty.
logic 1
⇒ Transmitter FIFO (THR) is empty.
LSR[6]: Transmitter and THR empty
logic 0
⇒ The transmitter is not idle
logic 1
⇒ THR is empty and the transmitter has
completed the character in shift register and is
in idle mode. (I.e. set whenever the transmitter
shift register and the THR are both empty.)
LSR[7]: Receiver data error
logic 0
⇒ Either there are no receiver data errors in the
FIFO or it was cleared by a read of LSR.
logic 1
⇒ At least one parity error, framing error or break
indication in the FIFO.
In 450 mode LSR[7] is permanently cleared, otherwise this
bit will be set when an erroneous character is transferred
from the receiver to the RHR. It is cleared when the LSR is
read. Note that in 16C550 this bit is only cleared when
all of the erroneous data are removed from the FIFO. In
9-bit data framing mode parity is permanently disabled, so
this bit is not affected by LSR[2].



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com