Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OXCB950 Datasheet(PDF) 49 Page - List of Unclassifed Manufacturers

Part # OXCB950
Description  Integrated High Performance UART Cardbus / PCI interface
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

OXCB950 Datasheet(HTML) 49 Page - List of Unclassifed Manufacturers

Back Button OXCB950 Datasheet HTML 45Page - List of Unclassifed Manufacturers OXCB950 Datasheet HTML 46Page - List of Unclassifed Manufacturers OXCB950 Datasheet HTML 47Page - List of Unclassifed Manufacturers OXCB950 Datasheet HTML 48Page - List of Unclassifed Manufacturers OXCB950 Datasheet HTML 49Page - List of Unclassifed Manufacturers OXCB950 Datasheet HTML 50Page - List of Unclassifed Manufacturers OXCB950 Datasheet HTML 51Page - List of Unclassifed Manufacturers OXCB950 Datasheet HTML 52Page - List of Unclassifed Manufacturers OXCB950 Datasheet HTML 53Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 68 page
background image
Data Sheet Revision 1.1
Page 49
OXCB950
OXFORD SEMICONDUCTOR LTD.
NMR[0]: 9-bit mode enable
logic 0
⇒ 9-bit mode is disabled.
logic 1
⇒ 9-bit mode is enabled.
NMR[1]: Enable interrupt when 9th bit is set
logic 0
⇒ Receiver interrupt for detection of an ‘address’
character (i.e. 9th bit set) is disabled.
logic 1
⇒ Receiver interrupt for detection of an ‘address’
character (i.e. 9th bit set) is enabled and a level
1 interrupt is asserted.
Special Character Detection
While the UART is in both 9-bit mode and Enhanced mode,
setting IER[5] will enable detection of up to four ‘address’
characters. The least significant eight bits of these four
programmable characters are stored in special characters
1 to 4 (XON1, XON2, XOFF1 and XOFF2 in 650 mode)
registers and the 9th bit of these characters are
programmed in NMR[5] to NMR[2] respectively.
NMR[2]: Bit 9 of Special Character 1
NMR[3]: Bit 9 of Special Character 2
NMR[4]: Bit 9 of Special Character 3
NMR[5]: Bit 9 of Special Character 4
NMR[7:6]: Reserved
Bits 6 and 7 of NMR are always cleared and reserved for
future use.
7.11.10 Modem Disable Mask ‘MDM’
The MDM register is located at offset 0x0E of the ICR
This register is cleared after a hardware reset to maintain
compatibility with 16C550. It allows the user to mask
interrupts, sleep operation and power management events
due to individual modem lines or the serial input line.
MDM[0]: Disable delta CTS
logic 0
⇒ Delta CTS is enabled. It can generate a level 4
interrupt when enabled by IER[3]. In power-
state D2, delta CTS can assert the PME# line.
Delta CTS can wake up the UART when it is
asleep under auto-sleep operation.
logic 1
⇒ Delta CTS is disabled. In can not generate an
interrupt, assert a PME# or wake up the UART.
MDM[1]: Disable delta DSR
logic 0
⇒ Delta DSR is enabled. It can generate a level 4
interrupt when enabled by IER[3]. In power-
state D2, delta DSR can assert the PME# line.
Delta DSR can wake up the UART when it is
asleep under auto-sleep operation.
logic 1
⇒ Delta DSR is disabled. In can not generate an
interrupt, assert a PME# or wake up the UART.
MDM[2]: Disable Trailing edge RI
logic 0
⇒ Trailing edge RI is enabled. It can generate a
level 4 interrupt when enabled by IER[3]. In
power-state D2, trailing edge RI can assert the
PME# line. Trailing edge RI can wake up the
UART when it is asleep under auto-sleep
operation.
logic 1
⇒ Trailing edge RI is disabled. In can not
generate an interrupt, assert a PME# or wake
up the UART.
MDM[3]: Disable delta DCD
logic 0
⇒ Delta DCD is enabled. It can generate a level 4
interrupt when enabled by IER[3]. In power-
state D2, delta DCD can assert the PME# line.
Delta DCD can wake up the UART when it is
asleep under auto-sleep operation.
logic 1
⇒ Delta DCD is disabled. In can not generate an
interrupt, assert a PME# or wake up the UART.
MDM[4]: Reserved
This bit must be set to ‘0’
MDM[5]: Disable SIN wake up
logic 0
⇒ When the device is in power-down state D2, a
change in the state of the serial input line (i.e.
start bit) can assert the PME# line
logic 1
⇒ When the device is in power-down state D2, a
change in the state of the serial input line
cannot assert the PME# line.
MDM[7:6]: Reserved
7.11.11 Readable FCR ‘RFC’
The RFC register is located at offset 0x0F of the ICR
This read-only register returns the current state of the FCR
register (Note that FCR is write-only). This register is
included for diagnostic purposes.
7.11.12 Good-data status register ‘GDS’
The GDS register is located at offset 0x10 of the ICR
For the definition of Good-data status refer to section
Error! Reference source not found..
GDS[0]: Good Data Status
GDS[7:1]: Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com