Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OXCB950 Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # OXCB950
Description  Integrated High Performance UART Cardbus / PCI interface
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

OXCB950 Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button OXCB950 Datasheet HTML 9Page - List of Unclassifed Manufacturers OXCB950 Datasheet HTML 10Page - List of Unclassifed Manufacturers OXCB950 Datasheet HTML 11Page - List of Unclassifed Manufacturers OXCB950 Datasheet HTML 12Page - List of Unclassifed Manufacturers OXCB950 Datasheet HTML 13Page - List of Unclassifed Manufacturers OXCB950 Datasheet HTML 14Page - List of Unclassifed Manufacturers OXCB950 Datasheet HTML 15Page - List of Unclassifed Manufacturers OXCB950 Datasheet HTML 16Page - List of Unclassifed Manufacturers OXCB950 Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 68 page
background image
Data Sheet Revision 1.1
Page 13
OXCB950
OXFORD SEMICONDUCTOR LTD.
6.2
Configuration space
The OXCB950 is a single function device, with one PCI
configuration space (and for the default cardbus mode, one
cardbus information structure).
All the required fields in the predefined PCI header region
have been implemented. This includes those fields in the
cardbus PC Card Standard that are termed “allocated” and
“reserved” for cardbus applications. This implementation is
a specific requirement for cardbus support in Windows 9x.
The device dependant region of the PCI configuration
space contains the cardbus/pci Power Management
Extended Capability register set and (for the cardbus mode
only) the Tuples making up the Cardbus Information
Structure.
The format of the PCI configuration space, for cardbus and
pci modes, is as shown in the Table below.
In general, writes to any registers that are not implemented
are ignored, and all reads from unimplemented registers
return 0.
6.2.1
Cardbus / PCI Configuration Space Register map
Configuration Register Description
Offset
31
16
15
0
Address
Device ID
Vendor ID
00h
Status
Command
04h
Class Code
Revision ID
08h
BIST1
Header Type
Reserved
Reserved
0Ch
Base Address Register 0 (BAR0) – UART Function in I/O space
10h
Base Address Register 1 (BAR 1) - UART Function in Memory space
14h
Base Address Register 2 (BAR 2) – Local Configuration Registers in IO space
18h
Base Address Register 3 (BAR3) – Local Configuration Registers in Memory space
1Ch
Base Address Register 4 (BAR4) – Cardbus Status Registers in Memory Space
Function Event : Offset +0
Function Event Mask : Offset +4
Function Present State : Offset +8
Function Force Event : Offset +12
20h
Reserved (Bar 5)
24h
Cardbus CIS Pointer
28h
Subsystem ID
Subsystem Vendor ID
2Ch
Reserved
30h
Reserved
Cap_Ptr
34h
Reserved
38h
Reserved
Reserved
Interrupt Pin
Interrupt Line
3Ch
Predefined PCI Header Region
Device Dependant PCI Region
Power Management Capabilities (PMC)
Next Ptr
Cap_ID
40h
Reserved
Reserved
PMC Control/Status Register (PMCSR)
44h
Tuple Byte3*
Tuple Byte 2*
Tuple Byte1*
Tuple Byte 0*
48h
…
Tuple Byte (n+1)*
Tuple Byte n*
4Ch
* Tuples are available for the Cardbus mode only. These fields return all 0’s for the PCI mode of the device.
Table 2: Cardbus/PCI Configuration space



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com