Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OXCB950 Datasheet(PDF) 39 Page - List of Unclassifed Manufacturers

Part # OXCB950
Description  Integrated High Performance UART Cardbus / PCI interface
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

OXCB950 Datasheet(HTML) 39 Page - List of Unclassifed Manufacturers

Back Button OXCB950 Datasheet HTML 35Page - List of Unclassifed Manufacturers OXCB950 Datasheet HTML 36Page - List of Unclassifed Manufacturers OXCB950 Datasheet HTML 37Page - List of Unclassifed Manufacturers OXCB950 Datasheet HTML 38Page - List of Unclassifed Manufacturers OXCB950 Datasheet HTML 39Page - List of Unclassifed Manufacturers OXCB950 Datasheet HTML 40Page - List of Unclassifed Manufacturers OXCB950 Datasheet HTML 41Page - List of Unclassifed Manufacturers OXCB950 Datasheet HTML 42Page - List of Unclassifed Manufacturers OXCB950 Datasheet HTML 43Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 68 page
background image
Data Sheet Revision 1.1
Page 39
OXCB950
OXFORD SEMICONDUCTOR LTD.
Level 6:
CTS or RTS changed interrupt (ISR[5:0]=’100000’):
This interrupt is set whenever any of the CTS# or RTS#
pins changes state from low to high. It is cleared on an ISR
read of a level 6 interrupt.
7.6.4
Sleep Mode
For a channel to go into sleep mode, all of the following
conditions must be met:
•
Sleep mode enabled (IER[4]=1 in 650/950 modes, or
IER[5]=1 in 750 mode):
•
The transmitter is idle, i.e. the transmitter shift register
and FIFO are both empty.
•
SIN is high.
•
The receiver is idle.
•
The receiver FIFO is empty (LSR[0]=0).
•
The UART is not in loopback mode (MCR[4]=0).
•
Changes on modem input lines have been
acknowledged (i.e. MSR[3:0]=0000).
•
No interrupts are pending.
A read of IER[4] (or IER[5] if a 1 was written to that bit
instead) shows whether the power-down request was
successful. The UART will retain its programmed state
whilst in power-down mode.
The channel will automatically exit power-down mode when
any of the conditions 1 to 7 becomes false. It may be
woken manually by clearing IER[4] (or IER[5] if
the
alternate sleep mode is enabled).
Sleep mode operation is not available in IrDA mode.
7.7
Modem Interface
7.7.1
Modem Control Register ‘MCR’
MCR[0]: DTR
logic 0
⇒ Force DTR# output to inactive (high).
logic 1
⇒ Force DTR# output to active (low).
Note that DTR# can be used for automatic out-of-band flow
control when enabled using ACR[4:3] (see section 7.11.3).
MCR[1]: RTS
logic 0
⇒ Force RTS# output to inactive (high).
logic 1
⇒ Force RTS# output to active (low).
Note that RTS# can be used for automatic out-of-band flow
control when enabled using EFR[6] (see section 7.9.4).
MCR[2]: OUT1
logic 0
⇒ Force OUT1# output low when loopback mode
is disabled.
logic 1
⇒ Force OUT1# output high.
MCR[3]: OUT2/External interrupt enable
logic 0
⇒ Force OUT2# output low when loopback mode
is disabled. If INT_SEL# is low the external
interrupt is in high-impedance state when
MCR[3] is cleared. If INT_SEL# is high MCR[3]
does not affect the interrupt.
logic 1
⇒ Force OUT2# output high. If INT_SEL# is low
the external interrupt is enabled and operating
in normal active (forcing) mode when MCR[3] is
high. If INT_SEL# is high MCR[3] does not
affect the interrupt.
MCR[4]: Loopback mode
logic 0
⇒ Normal operating mode.
logic 1
⇒ Enable local loop-back mode (diagnostics).
In local loop-back mode, the transmitter output (SOUT) and
the four modem outputs (DTR#, RTS#, OUT1# and
OUT2#) are set in-active (high), and the receiver inputs
SIN, CTS#, DSR#, DCD#, and RI# are all disabled.
Internally the transmitter output is connected to the receiver
input and DTR#, RTS#, OUT1# and OUT2# are connected
to modem status inputs DSR#, CTS#, RI# and DCD#
respectively.
In this mode, the receiver and transmitter interrupts are
fully operational. The modem control interrupts are also
operational, but the interrupt sources are now the lower
four bits of the Modem Control Register instead of the four
modem status inputs. The interrupts are still controlled by
the IER.
MCR[5]: Enable XON-Any in Enhanced mode or enable
out-of-band flow control in non-Enhanced mode
650/950 (enhanced) modes:
logic 0
⇒ XON-Any is disabled.
logic 1
⇒ XON-Any is enabled.
In enhanced mode (EFR[4]=1), this bit enables the Xon-
Any operation. When Xon-Any is enabled, any received
data will be accepted as a valid XON (see in-band flow
control, section 7.9.3).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com