Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE9250LE Datasheet(PDF) 24 Page - Infineon Technologies AG

Part # TLE9250LE
Description  High Speed CAN Transceiver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE9250LE Datasheet(HTML) 24 Page - Infineon Technologies AG

Back Button TLE9250LE Datasheet HTML 20Page - Infineon Technologies AG TLE9250LE Datasheet HTML 21Page - Infineon Technologies AG TLE9250LE Datasheet HTML 22Page - Infineon Technologies AG TLE9250LE Datasheet HTML 23Page - Infineon Technologies AG TLE9250LE Datasheet HTML 24Page - Infineon Technologies AG TLE9250LE Datasheet HTML 25Page - Infineon Technologies AG TLE9250LE Datasheet HTML 26Page - Infineon Technologies AG TLE9250LE Datasheet HTML 27Page - Infineon Technologies AG TLE9250LE Datasheet HTML 28Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 24 / 28 page
background image
Data Sheet
24
Rev. 1.0
2017-08-09
HS CAN Transceiver
High Speed CAN Transceiver
Application information
10
Application information
10.1
ESD robustness according to IEC61000-4-2
Tests for ESD robustness according to IEC61000-4-2 “Gun test” (150 pF, 330 Ω) have been performed. The
results and test conditions are available in a separate test report.
10.2
Application example
Figure 13
Application circuit
Table 7
ESD robustness according to IEC61000-4-2
Performed Test
Result
Unit
Remarks
Electrostatic discharge voltage at pin CANH and
CANL versus GND
≥ +11
kV
1)Positive pulse
1) Not subject to production test. ESD susceptibility “ESD GUN” according to GIFT / ICT paper: “EMC Evaluation of CAN
Transceivers, version IEC TS62228”, section 4.3. (DIN EN61000-4-2)
Tested by external test facility (IBEE Zwickau, EMC test report Nr. 01-07-2017 and Nr. 06-08-17)
Electrostatic discharge voltage at pin CANH and
CANL versus GND
≤ -11
kV
1)Negative pulse
example ECU design
CANH
CANL
VBAT
TLE9250
VCC
CANH
CANL
GND
NEN
TxD
RxD
7
6
1
4
8
2
3
Microcontroller
e.g. XC22xx
VCC
GND
Out
Out
In
TLS850B0ELV50
GND
IQ1
100 nF
22
μF
EN
TLE9250
VCC
CANH
CANL
GND
NEN
TxD
RxD
7
6
1
4
8
2
3
Microcontroller
e.g. XC22xx
VCC
GND
Out
Out
In
TLS850B0ELV50
GND
IQ1
22
μF
EN
100 nF
optional:
common mode choke
optional:
common mode choke
NRM
NRM
Out
Out
5
5
CANH
CANL
120
Ohm
120
Ohm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com