| Electronic Components Datasheet Search |
|
TLE9250LE Datasheet(PDF) 6 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
TLE9250LE Datasheet(HTML) 6 Page - Infineon Technologies AG |
|
6 / 28 page ![]() Data Sheet 6 Rev. 1.0 2017-08-09 HS CAN Transceiver High Speed CAN Transceiver High-speed CAN functional description 4 High-speed CAN functional description HS CAN is a serial bus system that connects microcontrollers, sensors and actuators for real-time control applications. The use of the Controller Area Network (abbreviated CAN) within road vehicles is described by the international standard ISO 11898. According to the 7-layer OSI reference model the physical layer of a HS CAN bus system specifies the data transmission from one CAN node to all other available CAN nodes within the network. The physical layer specification of a CAN bus system includes all electrical specifications of a CAN network. The CAN transceiver is part of the physical layer specification. Several different physical layer standards of CAN networks have been developed in recent years. The TLE9250 is a high-speed CAN transceiver with a dedicated bus wake-up function as defined in the latest ISO 11898-2 HS CAN standard. 4.1 High-speed CAN physical layer Figure 3 High-speed CAN bus signals and logic signals TxD VCC t t VCC CANH CANL t VCC VDiff RxD VCC t VCC = Transmitter supply voltage TxD = Transmit data input from the microcontroller RxD = Receive data output to the microcontroller CANH = Bus level on the CANH input/output CANL = Bus level on the CANL input/output VDiff = Differential voltage between CANH and CANL VDiff = VCANH – VCANL “dominant” receiver threshold “recessive” receiver threshold tLoop(H,L) tLoop(L,H) |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |