Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE9250LE Datasheet(PDF) 15 Page - Infineon Technologies AG

Part # TLE9250LE
Description  High Speed CAN Transceiver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE9250LE Datasheet(HTML) 15 Page - Infineon Technologies AG

Back Button TLE9250LE Datasheet HTML 11Page - Infineon Technologies AG TLE9250LE Datasheet HTML 12Page - Infineon Technologies AG TLE9250LE Datasheet HTML 13Page - Infineon Technologies AG TLE9250LE Datasheet HTML 14Page - Infineon Technologies AG TLE9250LE Datasheet HTML 15Page - Infineon Technologies AG TLE9250LE Datasheet HTML 16Page - Infineon Technologies AG TLE9250LE Datasheet HTML 17Page - Infineon Technologies AG TLE9250LE Datasheet HTML 18Page - Infineon Technologies AG TLE9250LE Datasheet HTML 19Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 28 page
background image
Data Sheet
15
Rev. 1.0
2017-08-09
HS CAN Transceiver
High Speed CAN Transceiver
Fail safe functions
7.4
Overtemperature protection
The TLE9250 has an integrated overtemperature detection to protect the TLE9250 against thermal overstress
of the transmitter. The overtemperature protection is only active in Normal-operating mode. In case of an
overtemperature condition, the temperature sensor will disable the transmitter while the transceiver remains
in Normal-operating mode. After the device has cooled down the transmitter is activated again (see Figure 9).
A hysteresis is implemented within the temperature sensor.
Figure 9
Overtemperature protection
7.5
Delay time for mode change
The HS CAN transceiver TLE9250 changes the mode of operation within the time window tMode. During the
mode change from Power-save mode to non-low power mode the RxD output pin is permanently set to logical
“high” and does not reflect the status on the CANH and CANL input pins.
After the mode change is completed, the transceiver TLE9250 releases the RxD output pin.
TxD
t
t
CANH
CANL
RxD
t
TJ
t
TJSD (shut down temperature)
switch-on transmitter
T
cool down



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com