Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IPAC-X Datasheet(PDF) 64 Page - Infineon Technologies AG

Part # IPAC-X
Description  ISDN PC Adapter Circuit
PDF  270 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPAC-X Datasheet(HTML) 64 Page - Infineon Technologies AG

Back Button IPAC-X Datasheet HTML 60Page - Infineon Technologies AG IPAC-X Datasheet HTML 61Page - Infineon Technologies AG IPAC-X Datasheet HTML 62Page - Infineon Technologies AG IPAC-X Datasheet HTML 63Page - Infineon Technologies AG IPAC-X Datasheet HTML 64Page - Infineon Technologies AG IPAC-X Datasheet HTML 65Page - Infineon Technologies AG IPAC-X Datasheet HTML 66Page - Infineon Technologies AG IPAC-X Datasheet HTML 67Page - Infineon Technologies AG IPAC-X Datasheet HTML 68Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 270 page
background image
IPAC-X
PSB/PSF 21150
Description of Functional Blocks
Data Sheet
64
2003-01-30
Figure 33
External Circuitry for Symmetrical Receivers
Between each receive line and the transformer a 10 k
W resistor is used. This value is
split into two resistors: one between transformer and protection diodes for current limiting
during the 96 kHz test, and the second one between input pin and protection diodes to
limit the maximum input current of the chip.
With symmetrical receivers no difficulties regarding LCL measurements are observed;
compensation networks thus are obsolete.
In order to comply to the physical requirements of ITU-T recommendation I.430 and
considering
the
national
requirements
concerning
overvoltage
protection
and
electromagnetic compatibility (EMC), the IPAC-X may need additional circuitry.
Note: up to 10 pF capacitors are optional for noise reduction
1:1
S Bus



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com