Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IPAC-X Datasheet(PDF) 87 Page - Infineon Technologies AG

Part # IPAC-X
Description  ISDN PC Adapter Circuit
PDF  270 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPAC-X Datasheet(HTML) 87 Page - Infineon Technologies AG

Back Button IPAC-X Datasheet HTML 83Page - Infineon Technologies AG IPAC-X Datasheet HTML 84Page - Infineon Technologies AG IPAC-X Datasheet HTML 85Page - Infineon Technologies AG IPAC-X Datasheet HTML 86Page - Infineon Technologies AG IPAC-X Datasheet HTML 87Page - Infineon Technologies AG IPAC-X Datasheet HTML 88Page - Infineon Technologies AG IPAC-X Datasheet HTML 89Page - Infineon Technologies AG IPAC-X Datasheet HTML 90Page - Infineon Technologies AG IPAC-X Datasheet HTML 91Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 270 page
background image
IPAC-X
PSB/PSF 21150
Description of Functional Blocks
Data Sheet
87
2003-01-30
3.5.3.2
States (NT)
G1 Deactivated
The transceiver is not transmitting. There is no signal detected on the S/T-interface, and
no activation command is received in the C/I channel. The clocks are deactivated if the
bit MODE1.CFS to 1. Activation is possible from the S/T interface and from the IOM-2
interface.
G1 I0 Detected
An INFO 0 is detected on the S/T-interface, translated to an “Activation Request”
indication in the C/I channel. The transceiver is waiting for an AR command, which
normally indicates that the transmission line upstream (usually a two-wire U interface) is
synchronized.
G2 Pending Activation
As a result of the ARD command, an INFO 2 is sent on the S/T-interface. INFO 3 is not
yet received. In case of ARL command, loop 2 is closed.
G2 Wait for AID
INFO 3 was received, INFO 2 continues to be transmitted while the transceiver waits for
a “switch-through” command AID from the device upstream.
G3 Activated
INFO 4 is sent on the S/T-interface as a result of the “switch through” command AID: the
B and D-channels are transparent. On the command AIL, loop 2 is closed.
G2 Lost Framing S/T
This state is reached when the transceiver has lost synchronism in the state G3
activated.
G3 Lost Framing U
On receiving an RSY command which usually indicates that synchronization has been
lost on the two-wire U interface, the transceiver transmits INFO 2.
G4 Pending Deactivation
This state is triggered by a deactivation request DR, and is an unstable state. Indication
DI (state “G4 wait for DR”) is issued by the transceiver when:
either INFO0 is received for a duration of 16 ms
or an internal timer of 32 ms expires.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com