Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6207CB Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # ISL6207CB
Description  High Voltage Synchronous Rectified Buck MOSFET Driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL6207CB Datasheet(HTML) 1 Page - Renesas Technology Corp

  ISL6207CB Datasheet HTML 1Page - Renesas Technology Corp ISL6207CB Datasheet HTML 2Page - Renesas Technology Corp ISL6207CB Datasheet HTML 3Page - Renesas Technology Corp ISL6207CB Datasheet HTML 4Page - Renesas Technology Corp ISL6207CB Datasheet HTML 5Page - Renesas Technology Corp ISL6207CB Datasheet HTML 6Page - Renesas Technology Corp ISL6207CB Datasheet HTML 7Page - Renesas Technology Corp ISL6207CB Datasheet HTML 8Page - Renesas Technology Corp ISL6207CB Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
FN9075 Rev 8.00
Page 1 of 10
December 2, 2005
FN9075
Rev 8.00
December 2, 2005
ISL6207
High Voltage Synchronous Rectified Buck MOSFET Driver
DATASHEET
The ISL6207 is a high frequency, dual MOSFET driver,
optimized to drive two N-Channel power MOSFETs in a
synchronous-rectified buck converter topology in mobile
computing applications. This driver, combined with an Intersil
Multi-Phase Buck PWM controller, such as ISL6223, ISL6215,
and ISL6216, forms a complete single-stage core-voltage
regulator solution for advanced mobile microprocessors.
The ISL6207 features 4A typical sink current for the lower gate
driver. The 4A typical sink current is capable of holding the
lower MOSFET gate during the Phase node rising edge to
prevent the shoot-through power loss caused by the high dv/dt
of the Phase node. The operation voltage matches the 30V
breakdown voltage of the MOSFETs commonly used in mobile
computer power supplies.
The ISL6207 also features a three-state PWM input that,
working together with most of Intersil multiphase PWM
controllers, will prevent a negative transient on the output
voltage when the output is being shut down. This feature
eliminates the Schottky diode, that is usually seen in a
microprocessor power system for protecting the
microprocessor, from reversed-output-voltage damage.
The ISL6207 has the capacity to efficiently switch power
MOSFETs at frequencies up to 2MHz. Each driver is capable
of driving a 3000pF load with a 15ns propagation delay and
less than a 10ns transition time. This product implements
bootstrapping on the upper gate with an internal bootstrap
Schottky diode, reducing implementation cost, complexity,
and allowing the use of higher performance, cost effective
N-Channel MOSFETs. Adaptive shoot-through protection is
integrated to prevent both MOSFETs from conducting
simultaneously.
Features
• Drives Two N-Channel MOSFETs
• Adaptive Shoot-Through Protection
• 30V Operation Voltage
•0.4
 On-Resistance and 4A Sink Current Capability
• Supports High Switching Frequency
- Fast Output Rise Time
- Short Propagation Delays
• Three-State PWM Input for Power Stage Shutdown
• Internal Bootstrap Schottky Diode
• QFN Package:
- Compliant to JEDEC PUB95 MO-220
QFN - Quad Flat No Leads - Package Outline
- Near Chip Scale Package footprint, which improves
PCB efficiency and has a thinner profile
• Pb-Free Plus Anneal Available (RoHS Compliant)
Applications
• Core Voltage Supplies for Intel and AMD® Mobile
Microprocessors
• High Frequency Low Profile DC/DC Converters
• High Current Low Output Voltage DC/DC Converters
• High Input Voltage DC/DC Converters
Related Literature
• Technical Brief TB363 “Guidelines for Handling and
Processing Moisture Sensitive Surface Mount Devices
(SMDs)”
• Technical Brief TB389 “PCB Land Pattern Design and
Surface Mount Guidelines for QFN Packages”
Pinouts
ISL6207 (SOIC-8)
TOP VIEW
ISL6207 (QFN)
TOP VIEW
UGATE
BOOT
PWM
GND
1
2
3
4
8
7
6
5
PHASE
EN
VCC
LGATE
7
8
4
3
1
2
6 EN
VCC
BOOT
PWM
5
6
NOT RECOMM
ENDED FOR
NEW DESIGN
S
NO RECOMM
ENDED REPL
ACEMENT
contact our T
echnical Sup
port Center a
t
1-888-INTERS
IL or www.inte
rsil.com/tsc


Similar Part No. - ISL6207CB

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6207CB INTERSIL-ISL6207CB Datasheet
292Kb / 9P
High Voltage Synchronous Rectified Buck MOSFET Driver
July 25, 2005
ISL6207CB-T INTERSIL-ISL6207CB-T Datasheet
292Kb / 9P
High Voltage Synchronous Rectified Buck MOSFET Driver
July 25, 2005
ISL6207CBZ INTERSIL-ISL6207CBZ Datasheet
292Kb / 9P
High Voltage Synchronous Rectified Buck MOSFET Driver
July 25, 2005
ISL6207CBZ-T INTERSIL-ISL6207CBZ-T Datasheet
292Kb / 9P
High Voltage Synchronous Rectified Buck MOSFET Driver
July 25, 2005
ISL6207CBZA INTERSIL-ISL6207CBZA Datasheet
292Kb / 9P
High Voltage Synchronous Rectified Buck MOSFET Driver
July 25, 2005
More results

Similar Description - ISL6207CB

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6205 INTERSIL-ISL6205 Datasheet
419Kb / 6P
High Voltage Synchronous Rectified Buck MOSFET Driver
November 2001
ISL6206 INTERSIL-ISL6206 Datasheet
97Kb / 6P
High Voltage Synchronous Rectified Buck MOSFET Driver
May 2002
ISL6207 INTERSIL-ISL6207 Datasheet
292Kb / 9P
High Voltage Synchronous Rectified Buck MOSFET Driver
July 25, 2005
ISL6208 INTERSIL-ISL6208_07 Datasheet
1Mb / 10P
High Voltage Synchronous Rectified Buck MOSFET Driver
March 30, 2007
ISL6209 INTERSIL-ISL6209_07 Datasheet
1Mb / 10P
High Voltage Synchronous Rectified Buck MOSFET Driver
March 23, 2007
ISL6208A INTERSIL-ISL6208A Datasheet
353Kb / 10P
High Voltage Synchronous Rectified Buck MOSFET Driver
February 15, 2006
ISL6208 INTERSIL-ISL6208 Datasheet
1Mb / 11P
High Voltage Synchronous Rectified Buck MOSFET Driver
August 7, 2008
ISL95808HRZ-T INTERSIL-ISL95808HRZ-T Datasheet
292Kb / 9P
High Voltage Synchronous Rectified Buck MOSFET Driver
June 29, 2015
logo
Richtek Technology Corp...
RT9610C RICHTEK-RT9610C Datasheet
158Kb / 12P
High Voltage Synchronous Rectified Buck MOSFET Driver
logo
Renesas Technology Corp
ISL6208A RENESAS-ISL6208A Datasheet
555Kb / 10P
High Voltage Synchronous Rectified Buck MOSFET Driver
February 15, 2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com