Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6441 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # ISL6441
Description  1.4MHz Dual, 180째 Out-of-Phase, Step-Down PWM and Single Linear Controller
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL6441 Datasheet(HTML) 5 Page - Renesas Technology Corp

  ISL6441 Datasheet HTML 1Page - Renesas Technology Corp ISL6441 Datasheet HTML 2Page - Renesas Technology Corp ISL6441 Datasheet HTML 3Page - Renesas Technology Corp ISL6441 Datasheet HTML 4Page - Renesas Technology Corp ISL6441 Datasheet HTML 5Page - Renesas Technology Corp ISL6441 Datasheet HTML 6Page - Renesas Technology Corp ISL6441 Datasheet HTML 7Page - Renesas Technology Corp ISL6441 Datasheet HTML 8Page - Renesas Technology Corp ISL6441 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
ISL6441
FN9197 Rev 3.00
Page 5 of 19
May 26, 2009
Absolute Maximum Ratings
Thermal Information
Supply Voltage (VCC_5V Pin) . . . . . . . . . . . . . . . . . . . . -0.3V to +7V
Input Voltage (VIN Pin) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .+27V
BOOT1, 2 and UGATE1, 2. . . . . . . . . . . . . . . . . . . . . . . . . . . . +35V
PHASE1, 2 and ISEN1, 2 . . . . . . . . . . . . . . . . . . . . . . . . . . . . +27V
BOOT1, 2 with Respect to PHASE1, 2 . . . . . . . . . . . . . . . . . . +6.5V
UGATE1, 2. . . . . . . . . . . .(PHASE1, 2 - 0.3V) to (BOOT1, 2 + 0.3V)
Thermal Resistance (Typical)
JA (°C/W) JC (°C/W)
28 Lead QFN (Notes 1, 2) . . . . . . . .
34
5
Maximum Junction Temperature (Plastic Package) -55°C to +150°C
Maximum Storage Temperature Range . . . . . . . . . .-65°C to +150°C
Temperature Range . . . . . . . . . . . . . . . . . . . . . . . . . .-40°C to +85°C
Pb-Free Reflow Profile. . . . . . . . . . . . . . . . . . . . . . . . .see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product reliability and
result in failures not covered by warranty.
NOTES:
1.
JA is measured in free air with the component mounted on a high effective thermal conductivity test board with “direct attach” features. See
Tech Brief TB379.
2. For
JC, the “case temp” location is the center of the exposed metal pad on the package underside.
Electrical Specifications
Recommended operating conditions unless otherwise noted. Refer to “Block Diagram” on page 3 and “Typical
Application Schematic” on page 4. VIN = 5.6V to 24V, or VCC_5V = 5V ±10%, TA = -40°C to +85°C, Typical
values are at TA = +25°C. Parameters with MIN and/or MAX limits are 100% tested at +25°C, unless otherwise
specified. Temperature limits established by characterization and are not production tested.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
VIN SUPPLY
Input Voltage Range
5.6
12
24
V
VCC_5V SUPPLY (Note 3)
Input Voltage
VIN = VCC_5V
4.5
5.0
5.6
V
Output Voltage
VIN > 5.6V, IL = 20mA
4.5
5.0
5.5
V
Maximum Output Current
VIN = 12V
60
-
-
mA
SUPPLY CURRENT
Shutdown Current (Note 4)
SD1 = SD2 = GND
-
50
375
µA
Operating Current (Note 5)
-
2.0
4.0
mA
REFERENCE SECTION
Nominal Reference Voltage
-
0.8
-
V
Reference Voltage Tolerance
-1.0
-
1.0
%
POWER-ON RESET
Rising VCC_5V Threshold
4.25
4.45
4.5
V
Falling VCC_5V Threshold
3.95
4.2
4.4
V
OSCILLATOR
Total Frequency Variation
1.25
1.4
1.55
MHz
Peak-to-Peak Sawtooth Amplitude (Note 6)
VIN = 12V
-
1.5
-
V
VIN = 5V
-
0.625
-
V
Ramp Offset (Note 7)
-1.0
-
V
SYNC Input Rise/Fall Time (Note 7)
-
-
10.0
ns
SYNC Frequency Range
5.1
5.6
6.2
MHz
SYNC Input HIGH Level
3.5
-
-
V
SYNC Input LOW Level
--
1.5
V
SYNC Input Minimum Pulse Width (Note 7)
10
-
-
ns
SYNC Output HIGH Level
VCC - 0.6V
-
-
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com