Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6441 Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # ISL6441
Description  1.4MHz Dual, 180째 Out-of-Phase, Step-Down PWM and Single Linear Controller
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL6441 Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button ISL6441 Datasheet HTML 2Page - Renesas Technology Corp ISL6441 Datasheet HTML 3Page - Renesas Technology Corp ISL6441 Datasheet HTML 4Page - Renesas Technology Corp ISL6441 Datasheet HTML 5Page - Renesas Technology Corp ISL6441 Datasheet HTML 6Page - Renesas Technology Corp ISL6441 Datasheet HTML 7Page - Renesas Technology Corp ISL6441 Datasheet HTML 8Page - Renesas Technology Corp ISL6441 Datasheet HTML 9Page - Renesas Technology Corp ISL6441 Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
ISL6441
FN9197 Rev 3.00
Page 6 of 19
May 26, 2009
SHUTDOWN1/SHUTDOWN2
HIGH Level (Converter Enabled)
Internal Pull-up (3µA)
2.0
-
-
V
LOW Level (Converter Disabled)
-
-
0.8
V
PWM CONVERTERS
Output Voltage
-0.8
-
V
FB Pin Bias Current
--
150
nA
Maximum Duty Cycle
PWM1, COUT = 1000p, TA = +25°C
71
-
-
%
PWM2, COUT = 1000pF,
TA = +25°C
73
-
-
%
Minimum Duty Cycle
-4-
%
PWM CONTROLLER ERROR AMPLIFIERS
DC Gain (Note 7)
80
88
-
dB
Gain-Bandwidth Product (Note 7)
5.9
-
-
MHz
Slew Rate (Note 7)
-
2.0
-
V/µs
Maximum Output Voltage (Note 7)
0.9
-
-
V
Minimum Output Voltage (Note 7)
-
-
3.6
V
PWM CONTROLLER GATE DRIVERS (Note 8)
Sink/Source Current
-
400
-
mA
Upper Drive Pull-Up Resistance
VCC_5V = 4.5V
-
8
-
Upper Drive Pull-Down Resistance
VCC_5V = 4.5V
-
3.2
-
Lower Drive Pull-Up Resistance
VCC_5V = 4.5V
-
8
-
Lower Drive Pull-Down Resistance
VCC_5V = 4.5V
-
1.8
-
Rise Time
COUT = 1000pF
-
18
-
ns
Fall Time
COUT = 1000pF
-
18
-
ns
LINEAR CONTROLLER
Drive Sink Current
50
-
-
mA
FB3 Feedback Threshold
I = 21mA
-
0.8
-
V
Undervoltage Threshold
VFB
-75-
%
FB3 Input Leakage Current
-
45
150
nA
Amplifier Transconductance
VFB = 0.8V, I = 21mA
-
2
-
A/V
POWER GOOD AND CONTROL FUNCTIONS
PGOOD LOW Level Voltage
Pull-up = 100k
-0.1
0.5
V
PGOOD Leakage Current
-
-
±1.0
µA
PGOOD Upper Threshold, PWM 1 and 2
Fraction of set point
105
-
120
%
PGOOD Lower Threshold, PWM 1 and 2
Fraction of set point
80
-
95
%
PGOOD for Linear Controller
70
75
80
%
Electrical Specifications
Recommended operating conditions unless otherwise noted. Refer to “Block Diagram” on page 3 and “Typical
Application Schematic” on page 4. VIN = 5.6V to 24V, or VCC_5V = 5V ±10%, TA = -40°C to +85°C, Typical
values are at TA = +25°C. Parameters with MIN and/or MAX limits are 100% tested at +25°C, unless otherwise
specified. Temperature limits established by characterization and are not production tested. (Continued)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com