Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6441 Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # ISL6441
Description  1.4MHz Dual, 180째 Out-of-Phase, Step-Down PWM and Single Linear Controller
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL6441 Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button ISL6441 Datasheet HTML 3Page - Renesas Technology Corp ISL6441 Datasheet HTML 4Page - Renesas Technology Corp ISL6441 Datasheet HTML 5Page - Renesas Technology Corp ISL6441 Datasheet HTML 6Page - Renesas Technology Corp ISL6441 Datasheet HTML 7Page - Renesas Technology Corp ISL6441 Datasheet HTML 8Page - Renesas Technology Corp ISL6441 Datasheet HTML 9Page - Renesas Technology Corp ISL6441 Datasheet HTML 10Page - Renesas Technology Corp ISL6441 Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
ISL6441
FN9197 Rev 3.00
Page 7 of 19
May 26, 2009
ISEN and CURRENT LIMIT
Full Scale Input Current (Note 9)
-
32
-
µA
Overcurrent Threshold (Note 9)
ROCSET = 110k
-64-
µA
OCSET (Current Limit) Voltage
-
1.75
-
V
SOFT-START
Soft-Start Current
-5-
µA
PROTECTION
Thermal Shutdown
Rising
-
150
-
°C
Hysteresis
-
20
-
°C
NOTES:
3. In normal operation, where the device is supplied with voltage on the VIN pin, the VCC_5V pin provides a 5V output capable of 60mA (min).
When the VCC_5V pin is used as a 5V supply input, the internal LDO regulator is disabled and the VIN input pin must be connected to the
VCC_5V pin. (Refer to the “Pin Descriptions” on page 10 for more details.)
4. This is the total shutdown current with VIN = VCC_5V = PVCC = 5V.
5. Operating current is the supply current consumed when the device is active but not switching. It does not include gate drive current.
6. The peak-to-peak sawtooth amplitude is production tested at 12V only
7. Limits should be considered typical and are not production tested.
8. Limits established by characterization and are not production tested.
9. Established by characterization. The full scale current of 32µA is recommended for optimum current sample and hold operation. See the
“Feedback Loop Compensation” on page 13.
Electrical Specifications
Recommended operating conditions unless otherwise noted. Refer to “Block Diagram” on page 3 and “Typical
Application Schematic” on page 4. VIN = 5.6V to 24V, or VCC_5V = 5V ±10%, TA = -40°C to +85°C, Typical
values are at TA = +25°C. Parameters with MIN and/or MAX limits are 100% tested at +25°C, unless otherwise
specified. Temperature limits established by characterization and are not production tested. (Continued)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com