Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LCW-G6SP Datasheet(PDF) 9 Page - OSRAM GmbH

Part # LCW-G6SP
Description  white P-LCC-6 package, colored diffused silicone resin
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LCW-G6SP Datasheet(HTML) 9 Page - OSRAM GmbH

Back Button LCW-G6SP Datasheet HTML 5Page - OSRAM GmbH LCW-G6SP Datasheet HTML 6Page - OSRAM GmbH LCW-G6SP Datasheet HTML 7Page - OSRAM GmbH LCW-G6SP Datasheet HTML 8Page - OSRAM GmbH LCW-G6SP Datasheet HTML 9Page - OSRAM GmbH LCW-G6SP Datasheet HTML 10Page - OSRAM GmbH LCW-G6SP Datasheet HTML 11Page - OSRAM GmbH LCW-G6SP Datasheet HTML 12Page - OSRAM GmbH LCW-G6SP Datasheet HTML 13Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
LCW G6SP
2010-03-16
9
Farbtemperatur 4000 K
Color temperature 4000 K
Gruppe
Group
Cx
Cy
Gruppe
Group
Cx
Cy
Gruppe
Group
Cx
Cy
4L
0.365
0.348
4M
0.372
0.352
4N
0.379
0.356
0.367
0.358
0.375
0.362
0.382
0.367
0.375
0.362
0.382
0.367
0.390
0.372
0.372
0.352
0.379
0.356
0.386
0.361
5L
0.367
0.358
5M
0.375
0.362
5N
0.382
0.367
0.369
0.368
0.377
0.373
0.385
0.376
0.377
0.373
0.385
0.378
0.393
0.383
0.375
0.362
0.382
0.367
0.390
0.372
6L
0.369
0.368
6M
0.377
0.373
6N
0.385
0.378
0.371
0.378
0.380
0.383
0.388
0.388
0.380
0.383
0.388
0.388
0.397
0.393
0.377
0.373
0.385
0.376
0.393
0.383
7L
0.371
0.378
7M
0.380
0.383
7N
0.388
0.388
0.374
0.387
0.383
0.393
0.392
0.399
0.383
0.393
0.392
0.399
0.401
0.404
0.380
0.383
0.388
0.388
0.397
0.393
8L
0.374
0.387
8M
0.383
0.393
8N
0.392
0.399
0.376
0.397
0.385
0.403
0.395
0.409
0.385
0.403
0.395
0.409
0.404
0.415
0.383
0.393
0.392
0.399
0.401
0.404
Farbtemperatur 4500 K
Color temperature 4500 K
Gruppe
Group
Cx
Cy
Gruppe
Group
Cx
Cy
Gruppe
Group
Cx
Cy
4J
0.350
0.337
8J
0.355
0.374
6K
0.361
0.362
0.351
0.347
0.356
0.383
0.363
0.371
0.359
0.352
0.366
0.390
0.371
0.378
0.357
0.343
0.364
0.381
0.369
0.368
5J
0.351
0.347
4K
0.357
0.343
7K
0.363
0.371
0.352
0.356
0.359
0.352
0.364
0.381
0.361
0.362
0.367
0.358
0.374
0.387
0.359
0.352
0.365
0.348
0.371
0.378
6J
0.352
0.356
5K
0.359
0.352
8K
0.364
0.381
0.354
0.365
0.361
0.362
0.366
0.390
0.363
0.371
0.369
0.368
0.376
0.397
0.361
0.362
0.367
0.358
0.374
0.387
7J
0.354
0.365
0.355
0.374
0.364
0.381
0.363
0.371



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com