Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LCW-G6SP Datasheet(PDF) 5 Page - OSRAM GmbH

Part # LCW-G6SP
Description  white P-LCC-6 package, colored diffused silicone resin
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LCW-G6SP Datasheet(HTML) 5 Page - OSRAM GmbH

  LCW-G6SP Datasheet HTML 1Page - OSRAM GmbH LCW-G6SP Datasheet HTML 2Page - OSRAM GmbH LCW-G6SP Datasheet HTML 3Page - OSRAM GmbH LCW-G6SP Datasheet HTML 4Page - OSRAM GmbH LCW-G6SP Datasheet HTML 5Page - OSRAM GmbH LCW-G6SP Datasheet HTML 6Page - OSRAM GmbH LCW-G6SP Datasheet HTML 7Page - OSRAM GmbH LCW-G6SP Datasheet HTML 8Page - OSRAM GmbH LCW-G6SP Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
LCW G6SP
2010-03-16
5
Farbortgruppen
5) Seite 21
Chromaticity Coordinate Groups
5) page 21
OHA03621
520
530
540
550
560
570
580
590
600
610
620
630
0
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9
510
500
490
450
Cx
Cy
Cy
Cx
E
0.26
480
460
470
0.28
0.30
0.32
0.34
0.36
0.38
0.40
0.42
0.44
0.46
0.48
0.50
0.52
0.54
0.24
J
K
L
M
N
O
P
Q
R
U V
T
S
W X
4
5
7
6
8
4
5
6
7
8
9
4500 K
4000 K
3500 K
3000 K
2700 K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com