Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LCW-G6SP Datasheet(PDF) 12 Page - OSRAM GmbH

Part # LCW-G6SP
Description  white P-LCC-6 package, colored diffused silicone resin
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LCW-G6SP Datasheet(HTML) 12 Page - OSRAM GmbH

Back Button LCW-G6SP Datasheet HTML 8Page - OSRAM GmbH LCW-G6SP Datasheet HTML 9Page - OSRAM GmbH LCW-G6SP Datasheet HTML 10Page - OSRAM GmbH LCW-G6SP Datasheet HTML 11Page - OSRAM GmbH LCW-G6SP Datasheet HTML 12Page - OSRAM GmbH LCW-G6SP Datasheet HTML 13Page - OSRAM GmbH LCW-G6SP Datasheet HTML 14Page - OSRAM GmbH LCW-G6SP Datasheet HTML 15Page - OSRAM GmbH LCW-G6SP Datasheet HTML 16Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
LCW G6SP
2010-03-16
12
Durchlassstrom
2) Seite 21
Forward Current
2) page 21
I
F = f (VF); TA = 25 °C
Farbortverschiebung
2) Seite 21
Chromaticity Coordinate Shift
2) page 21
x, y =
f (I
F); TA = 25 °C
Relative Lichtstrom
2) 7) Seite 21
Relative Luminous Flux
2) 7) page 21
Ι
V/ΙV
(140 mA) = f (IF); TA = 25 °C
OHL02767
3
F
V
2
10
10
3
5
5
mA
3.4
3.8
4.2
4.6
5
I
10
1
F
V
-0.025
0
I
F
OHL02770
mA
100
200
300
400
500
Cx
Cy
-0.020
-0.015
-0.010
-0.005
0
0.015
0.005
Cx, Cy
OHL02768
0
10
10
1
5
I
F
10
-1
I
(140 mA)
I
V
V
10
10
5
3
10
mA
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com