Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL9216IRZ Datasheet(PDF) 29 Page - Renesas Technology Corp

Part # ISL9216IRZ
Description  8 to 12 Cell Li-Ion Battery Overcurrent Protection and Analog Front End Chip Set
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL9216IRZ Datasheet(HTML) 29 Page - Renesas Technology Corp

Back Button ISL9216IRZ Datasheet HTML 25Page - Renesas Technology Corp ISL9216IRZ Datasheet HTML 26Page - Renesas Technology Corp ISL9216IRZ Datasheet HTML 27Page - Renesas Technology Corp ISL9216IRZ Datasheet HTML 28Page - Renesas Technology Corp ISL9216IRZ Datasheet HTML 29Page - Renesas Technology Corp ISL9216IRZ Datasheet HTML 30Page - Renesas Technology Corp ISL9216IRZ Datasheet HTML 31Page - Renesas Technology Corp ISL9216IRZ Datasheet HTML 32Page - Renesas Technology Corp ISL9216IRZ Datasheet HTML 33Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 34 page
background image
ISL9216, ISL9217
FN6488 Rev 1.00
Page 29 of 34
November 2, 2007
Applications Circuits
The following application circuits are ideas to consider when developing a battery pack implementation. There are many more
ways that the pack can be designed.
P-
B-
VSS
µC
P+
AO
SDAI
RESET
A/D INPUT
VCC
I/O
GP
FIGURE 17. 12-CELL CASCADED APPLICATION CIRCUIT WITH INTEGRATED CHARGE/DISCHARGE
LEDs
VCELL4
CB4
CB2
VCELL1
VCELL2
CB3
VCELL3
CB1
VCELL5
CB5
VSS
1µF
AO
SCL
SDA
VCELL4
CB4
CB2
VCELL1
VCELL2
CB3
VCELL3
CB1
VCELL5
CB5
VCELL6
SDAO
VSS2
I/O
SINGLE WIRE
INTERFACE
NEEDED DURING
DISCHARGE
CFET
DFET
VCELL6
CB6
VC7/VCC
CB7
RESISTORS
OPTIONAL
CHRG
WKUP
WKUP
RGO
RGC
ISL9217
ISL9216
VC7/VCC
DSREF
VMON
SDAIHV
SCLHV
SDAOHV
MINIMIZE LENGTH
MAXMIZE GAUGE
TEMP3V
TEMPI
RGO
RGC
INT
SCL
SDA
10M
24V
16V
1.2M
250k
100
3.6V
10M
WKUPR
SCL
HVI2C
500
500
4.7µF
4.7µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com