Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL9216IRZ Datasheet(PDF) 22 Page - Renesas Technology Corp

Part # ISL9216IRZ
Description  8 to 12 Cell Li-Ion Battery Overcurrent Protection and Analog Front End Chip Set
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL9216IRZ Datasheet(HTML) 22 Page - Renesas Technology Corp

Back Button ISL9216IRZ Datasheet HTML 18Page - Renesas Technology Corp ISL9216IRZ Datasheet HTML 19Page - Renesas Technology Corp ISL9216IRZ Datasheet HTML 20Page - Renesas Technology Corp ISL9216IRZ Datasheet HTML 21Page - Renesas Technology Corp ISL9216IRZ Datasheet HTML 22Page - Renesas Technology Corp ISL9216IRZ Datasheet HTML 23Page - Renesas Technology Corp ISL9216IRZ Datasheet HTML 24Page - Renesas Technology Corp ISL9216IRZ Datasheet HTML 25Page - Renesas Technology Corp ISL9216IRZ Datasheet HTML 26Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 34 page
background image
ISL9216, ISL9217
FN6488 Rev 1.00
Page 22 of 34
November 2, 2007
OVERCURRENT SAFETY FUNCTIONS
The ISL9216 continually monitors the discharge current by
monitoring the voltage at the CSENSE and DSENSE pins. If
that voltage exceeds a selected value for a time exceeding a
selected delay, then the device enters an overcurrent or short
circuit protection mode. In these modes, the ISL9216
automatically turns off both power FETs and hence prevents
current from flowing through the terminals P+ and P-.
The voltage thresholds and the response times of the
overcurrent protection circuits are selectable for discharge
overcurrent, charge overcurrent, and discharge short circuit
conditions. The specific settings are determined by bits in the
“DISCHARGE SET CONFIGURATION REGISTER (ADDR:
05H)” on page 18, and “CHARGE/TIME SCALE
CONFIGURATION REGISTER (ADDR: 06H)” on page 19.
(See also “REGISTERS” on page 14).
In an overcurrent condition, the ISL9216 automatically turns off
the voltage on CFET and DFET pins. The DFET output drives the
discharge FET gate low, turning off the FET quickly. The CFET
output turns off and allows the gate of the charge FET to be pulled
low through a resistor.
By turning off the FETs the ISL9216 prevents damage to the
battery pack caused by excessive current into or out of the cells
(as in the case of a faulty charger or short circuit condition).
When the ISL9216 detects a discharge overcurrent condition, the
ISL9216 turns off both power FETs and sets the DOC bit. (When
the FETs are turned off, the DFET and CFET bits are also reset).
The automatic response to overcurrent during discharge is
prevented by setting the DENOCD bit to “1”. The external
microcontroller can turn on the FETs at any time to recover from
this condition, but it would usually turn on the load monitor
function (by setting the LDMONEN bit) and monitor the LDFAIL bit
to detect that the overcurrent condition has been removed.
When the ISL9216 detects a discharge short circuit condition,
both power FETs are turned off and DSC bit is set. (When the
FETs are turned off, the DFET and CFET bits are also reset). The
automatic response to short circuit during discharge is prevented
by setting the DENSCD bit to “1”. The external microcontroller can
turn on the FETs at any time to recover from this condition, but it
would usually turn on the load monitor function (by setting the
LDMONEN bit) and monitor the LDFAIL bit to detect that the
overcurrent condition has been removed.
When the ISL9216 detects a charge overcurrent condition, both
power FETs are turned off and COC bit is set. (When the FETs
are turned off, the DFET and CFET bits are also reset). The
automatic response to overcurrent during discharge is prevented
by setting the DENOCC bit to “1”. The external microcontroller
can turn on the FETs at any time to recover from this condition,
but it would usually wait to do this until the cell voltages are not
over charged and that the overcurrent condition has been
removed. Or, the microcontroller could wait until the pack is
removed from the charger and then re-attached.
An alternative method of providing the protection function, if
desired by the designer, is to turn off the automatic safety
response. In this case, the ISL9216 device still monitors the
conditions and sets the status bits, but takes no action in
overcurrent or short circuit conditions. Safety of the pack
depends, instead, on the microcontroller to send commands to
the ISL9216 to turn off the FETs.
To facilitate a microcontroller response to an overcurrent
condition, especially if the microcontroller is in a low power state,
a charge overcurrent flag (COC), a discharge overcurrent flag
(DOC), or the short circuit flag (DSC) being set causes the
ISL9216 TEMP3V output to turn on and pull high. (See Figure 5).
This output can be used as an external interrupt by the
microcontroller to wake-up quickly to handle the overcurrent
condition.
LOAD MONITORING
The load monitor function in the ISL9216 (see Figure 4) is used
primarily to detect that the load has been removed following an
overcurrent or short circuit condition during discharge. This can be
used in a control algorithm to prevent the FETs from turning on
while the overload or short circuit condition remains.
The load monitor can also be used by the microcontroller
algorithms after an undervoltage condition on any cells causes
the FETs to turn off. Use of the load monitor prevents the FETs
from turning on while the load is still present. This minimizes
the possible “oscillations” that can occur when a load is applied
in a low capacity pack. It can also be part of a system
protection mechanism to prevent the load from turning on
automatically - i.e. some action must be taken before the pack
is again turned on.
The load monitor circuit can be turned on or off by the
microcontroller. It is normally turned off to minimize current
FIGURE 4. LOAD MONITOR CIRCUIT
VSS
LDMONEN
VMON
VREF
LDFAIL
ISL9216
P-
=1 if VMON > VVMONH
=0 if VMON
VVMONL
VSS
P+
RL
OPEN
DFET
R1
36V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com