Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL9216IRZ Datasheet(PDF) 24 Page - Renesas Technology Corp

Part # ISL9216IRZ
Description  8 to 12 Cell Li-Ion Battery Overcurrent Protection and Analog Front End Chip Set
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL9216IRZ Datasheet(HTML) 24 Page - Renesas Technology Corp

Back Button ISL9216IRZ Datasheet HTML 20Page - Renesas Technology Corp ISL9216IRZ Datasheet HTML 21Page - Renesas Technology Corp ISL9216IRZ Datasheet HTML 22Page - Renesas Technology Corp ISL9216IRZ Datasheet HTML 23Page - Renesas Technology Corp ISL9216IRZ Datasheet HTML 24Page - Renesas Technology Corp ISL9216IRZ Datasheet HTML 25Page - Renesas Technology Corp ISL9216IRZ Datasheet HTML 26Page - Renesas Technology Corp ISL9216IRZ Datasheet HTML 27Page - Renesas Technology Corp ISL9216IRZ Datasheet HTML 28Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 34 page
background image
ISL9216, ISL9217
FN6488 Rev 1.00
Page 24 of 34
November 2, 2007
microcontroller can monitor the internal temperature through
the analog output pin (AO), but any writes to the CFET bit,
DFET bit, or cell balancing bits are ignored
The automatic response to an internal over-temperature is
prevented by setting the DISITSD bit to “1”. The automatic
response to an external over-temperature is prevented by
setting the DISXTSD bit to “1”. In either case, it is important for
the microcontroller to monitor the internal and external
temperature to protect the pack and the electronics in an over-
temperature condition.
Analog Multiplexer Selection
The ISL9216 and ISL9217 devices can be used to externally
monitor individual battery cell voltages and temperatures. Each
quantity can be monitored at the analog output pin (AO) and is
selected using the I2C interface. See Figure 6.
To monitor the voltages on the ISL9217 inputs, set the ISL9216
to monitor VCELL6, then set the ISL9217 to the desired
VCELL input. The ISL9216 and ISL9217 VCELL input voltages
are divided by 2, except for the ISL9216 VCELL6 input. This is
a divide by 1 input. In this way, the value read at the ISL9216
AO output is always a divide by 2 of the original cell voltage.
VOLTAGE MONITORING
Since the voltage on each of the Li-Ion Cells are normally
higher than the regulated supply voltage, it is necessary to
both level shift and divide the voltage. To get into the voltage
range required by the external A/D converter, the voltage level
shifter divides the cell voltage by 2. Therefore, a Li-Ion cell with
a voltage of 4.2V is reported via the AO pin to be 2.1V.
TEMPERATURE MONITORING
The voltage representing the external temperature applied at
the TEMPI terminal is directed to the AO terminal through a
MUX, as selected by the AO control bits (see Figures 5 and 6).
The external temperature voltage is not divided by 2 as are the
cell voltages. Instead it is a direct reflection of the voltage at
the TEMPI pin.
A similar operation occurs when monitoring the internal
temperature through the AO output, except there is no external
“calibration” of the voltage associated with the internal
temperature. For the internal temperature monitoring, the
voltage at the output is linear with respect to temperature. (See
“Operating Specifications” on page 6 for information about the
output voltage at +25°C and the output slope relative to
temperature).
Cell Balancing
OVERVIEW
A typical ISL9216 and ISL9217 Li-ion battery pack consists of
8 to 12 cells in series, with one or more cells in parallel. This
combination gives both the voltage and power necessary for
power tools, e-bikes, electric wheel chairs, portable medical
equipment, and battery powered industrial applications. While
the series/parallel combination of Li-ion cells is common, the
configuration is not as efficient as it could be, because any
capacity mismatch between series-connected cells reduces
the overall pack capacity. This mismatch is greater as the
number of series cells and the load current increase. Cell
balancing techniques increase the capacity and the operating
time of Li-ion battery packs.
DEFINITION OF CELL BALANCING
Cell balancing is defined as the application of differential
currents to individual cells (or combinations of cells) in a series
string. Normally, of course, cells in a series string receive
identical currents. A battery pack requires additional
components and circuitry to achieve cell balancing. For the
ISL9216 and ISL9217 devices, the only external components
required are balancing resistors.
AO
VCELL4
VSS
SCL
I2C
FIGURE 6. ANALOG OUTPUT MONITORING DIAGRAM
REGS
AO3:AO0
DECODE
VCELL1
VCELL5
SDA
2
LEVEL
SHIFT
LEVEL
SHIFT
LEVEL
SHIFT
LEVEL
SHIFT
TEMPI
INT
TEMP
MUX
EXT TEMP.
(ISL9216 ONLY)
AO
VCELL2
VSS
I2C
REGS
AO3:AO0
DECODE
VCELL1
VCELL6
VC7/VCC
2
LEVEL
SHIFT
LEVEL
SHIFT
LEVEL
SHIFT
LEVEL
SHIFT
INT
TEMP
MUX
VCELL6
1
1
VCC
LEVEL
SHIFT
ISL9216
ISL9217



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com