Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL9216IRZ Datasheet(PDF) 23 Page - Renesas Technology Corp

Part # ISL9216IRZ
Description  8 to 12 Cell Li-Ion Battery Overcurrent Protection and Analog Front End Chip Set
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL9216IRZ Datasheet(HTML) 23 Page - Renesas Technology Corp

Back Button ISL9216IRZ Datasheet HTML 19Page - Renesas Technology Corp ISL9216IRZ Datasheet HTML 20Page - Renesas Technology Corp ISL9216IRZ Datasheet HTML 21Page - Renesas Technology Corp ISL9216IRZ Datasheet HTML 22Page - Renesas Technology Corp ISL9216IRZ Datasheet HTML 23Page - Renesas Technology Corp ISL9216IRZ Datasheet HTML 24Page - Renesas Technology Corp ISL9216IRZ Datasheet HTML 25Page - Renesas Technology Corp ISL9216IRZ Datasheet HTML 26Page - Renesas Technology Corp ISL9216IRZ Datasheet HTML 27Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 34 page
background image
ISL9216, ISL9217
FN6488 Rev 1.00
Page 23 of 34
November 2, 2007
consumption. It must be activated by the external
microcontroller for it to operate. The circuit works by internally
connecting the VMON pin to VSS through a resistor. The circuit
operates as shown in Figure 4.
In a typical pack operation, when an overcurrent or short circuit
event happens, the DFET turns off, opening the battery circuit
to the load. At this time, the RL is small and the load monitor is
initially off. In this condition, the voltage at VMON could rise to
nearly the pack voltage. However, since in most configurations,
this voltage would exceed the maximum limits on the VMON
pin, a series zener diode is required.
Once the power FETs turn off, the microcontroller activates the
load monitor by setting the LDMONEN bit. This turns on an
internal FET that adds a pull-down resistor to the load monitor
circuit. While still in the overload condition the combination of
the load resistor, an external adjustment resistor (R1), the
zener diode, and the internal load monitor resistor form a
voltage divider. R1 is chosen so that when the load is released
to a sufficient level, the LDFAIL condition is reset.
OVER-TEMPERATURE SAFETY FUNCTIONS
External Temperature Control
The external temperature is monitored by using a voltage
divider consisting of a fixed resistor and a thermistor. This
divider is powered by the ISL9216 TEMP3V output. This output
is normally controlled so it is on for only short periods to
minimize current consumption.
Without microcontroller intervention, the ISL9216 continuously
turns on TEMP3V output (and the external temperature
monitor) for 5ms every 640ms. In this way, the external
temperature is monitored even if the microcontroller is asleep.
If the ATMPOFF bit is set, this automatic temperature scan is
turned off.
When the TEMP3V output turns on, the ISL9216 waits 1ms for
the temperature reading to stabilize, then compares the
external temperature voltage with an internal voltage divider
that is set to TEMP3V/13. When the thermistor voltage is
below the reference threshold after the delay, an external
temperature fail condition exists. To set the external over-
temperature limit, set the value of RX resistor to the 12 times
the resistance of the thermistor at the over-temperature
threshold.
The TEMP3V output pin also turns on when the microcontroller
sets the AO3:AO0 bits to select that the external temperature
voltage. This causes the TEMPI voltage to be placed on AO and
activates (after 1ms) the over-temperature detection. As long as
the AO3:AO0 bits point to the external temperature, the
TEMP3V output remains on.
Because of the manual scan of the temperature, it may be
desired to turn off the automatic scan, although they can be
used at the same time without interference. To turn off the
automatic scan, set the ATMPOFF bit.
The microcontroller can over-ride both the automatic
temperature scan and the microcontroller controlled
temperature scan by setting the TEMP3ON configuration bit.
This turns on the TEMP3V output to keep the temperature
control voltage on all the time, for a continuous monitoring of
an over-temperature condition. This likely will consume a
significant amount of current, so this feature is usually used for
special or test purposes.
Protection
As a default, when the ISL9216 detects an internal or external
over-temperature condition, the FETs are turned off, the cell
balancing function is disabled, and the IOT bit or XOT bit
(respectively) is set.
Turning off the FETs in the event of an over-temperature
condition prevents continued discharge or charge of the cells
when they are over heated. Turning off the cell balancing in the
event of an over-temperature condition prevents damage to
the IC in the event too many cells are being balanced, causing
too much power dissipation in the ISL9216.
In the event of an automatic over-temperature condition, cell
balancing is prevented and FETs are held off until the
temperature drops back below the temperature recovery
threshold. During this temperature shutdown period, the
635ms
5ms
FIGURE 5. EXTERNAL TEMPERATURE MONITORING AND
CONTROL (ISL9216 ONLY)
AO
RGO
TEMP3V
TEMPI
VSS
I2C
MUX
I2C
TEMP
MONITOR
TEMP FAIL
INDICATOR
VSS (ON)
TMP3ON
AO3:AO0
DECODE
OSC
ATMPOFF
TO
µC
XOT
1ms
DELAY
EXTERNAL
EXT TEMP
RX
ISL9216



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com