Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CRE1S0505MC-R Datasheet(PDF) 4 Page - Murata Power Solutions Inc.

Part # CRE1S0505MC-R
Description  Isolated 1W Single Output Isolated DC-DC Converters
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

CRE1S0505MC-R Datasheet(HTML) 4 Page - Murata Power Solutions Inc.

  CRE1S0505MC-R Datasheet HTML 1Page - Murata Power Solutions Inc. CRE1S0505MC-R Datasheet HTML 2Page - Murata Power Solutions Inc. CRE1S0505MC-R Datasheet HTML 3Page - Murata Power Solutions Inc. CRE1S0505MC-R Datasheet HTML 4Page - Murata Power Solutions Inc. CRE1S0505MC-R Datasheet HTML 5Page - Murata Power Solutions Inc. CRE1S0505MC-R Datasheet HTML 6Page - Murata Power Solutions Inc. CRE1S0505MC-R Datasheet HTML 7Page - Murata Power Solutions Inc. CRE1S0505MC-R Datasheet HTML 8Page - Murata Power Solutions Inc. CRE1S0505MC-R Datasheet HTML 9Page - Murata Power Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
CRE1 Series
Isolated 1W Single Output Isolated DC-DC Converters
KDC_CRE1.D02 Page 4 of 14
www.murata-ps.com/support
TOLERANCE ENVELOPES
The voltage tolerance envelope shows typical load regulation characteristics for this product series. The tolerance envelope is the maximum output voltage variation due to
changes in output loading.
CRE1S0505XC
CRE1S0515SC
CRE1S1205SC
CRE1S1212SC
CRE1S2405SC
CRE1S2412SC
10%
6%
7%
3%
Output Load Current (%)
Output Load Current (%)
-6%
-3%
0%
0%
100
100
75
75
50
50
25
25
10
10
7%
Output Load Current (%)
-6%
1%
100
75
50
25
10
3%
Output Load Current (%)
-1%
2%
100
75
50
25
10
2%
5%
8%
-3%
1%
100
75
50
25
10
5%
Output Load Current (%)
2%
-4%
-1%
100
75
50
25
10
0%
Output Load Current (%)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com