Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CRE1S0505MC-R Datasheet(PDF) 12 Page - Murata Power Solutions Inc.

Part # CRE1S0505MC-R
Description  Isolated 1W Single Output Isolated DC-DC Converters
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

CRE1S0505MC-R Datasheet(HTML) 12 Page - Murata Power Solutions Inc.

Back Button CRE1S0505MC-R Datasheet HTML 6Page - Murata Power Solutions Inc. CRE1S0505MC-R Datasheet HTML 7Page - Murata Power Solutions Inc. CRE1S0505MC-R Datasheet HTML 8Page - Murata Power Solutions Inc. CRE1S0505MC-R Datasheet HTML 9Page - Murata Power Solutions Inc. CRE1S0505MC-R Datasheet HTML 10Page - Murata Power Solutions Inc. CRE1S0505MC-R Datasheet HTML 11Page - Murata Power Solutions Inc. CRE1S0505MC-R Datasheet HTML 12Page - Murata Power Solutions Inc. CRE1S0505MC-R Datasheet HTML 13Page - Murata Power Solutions Inc. CRE1S0505MC-R Datasheet HTML 14Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
CRE1 Series
Isolated 1W Single Output Isolated DC-DC Converters
KDC_CRE1.D02 Page 12 of 14
www.murata-ps.com/support
PACKAGE SPECIFICATIONS (continued)
RECOMMENDED FOOTPRINT DETAILS
TUBE OUTLINE DIMENSIONS
DC
SC/3C
Tube Quantity (DC & SC): 35
(3C):40
Unless otherwise specified all dimensions in mm [inches] ±0.55mm [0.022].
Tube Length (DC&SC) : 520mm [20.472] ±2.0 [0.079]
Tube Length (3C) : 525mm [20.669] ±2.0 [0.079].
DC Tube
SC Tube
12.0 [0.472]
14.5 [0.571]
5.07±0.80 [0.200±0.03]
5.05 [0.199]
3C Tube
2.54 [0.100]
2.54 [0.100]
x4 HOLES
Ø1.15
1.00
[Ø0.045
0.039
]
5.0 [0.197]
12.43 [0.489]
18.0 [0.709]
9.3 [0.366]
9.3 [0.366]
14.8 [0.583]
4.45 [0.175]
7.7 [0.303]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com