Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CRE1S0505MC-R Datasheet(PDF) 5 Page - Murata Power Solutions Inc.

Part # CRE1S0505MC-R
Description  Isolated 1W Single Output Isolated DC-DC Converters
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

CRE1S0505MC-R Datasheet(HTML) 5 Page - Murata Power Solutions Inc.

  CRE1S0505MC-R Datasheet HTML 1Page - Murata Power Solutions Inc. CRE1S0505MC-R Datasheet HTML 2Page - Murata Power Solutions Inc. CRE1S0505MC-R Datasheet HTML 3Page - Murata Power Solutions Inc. CRE1S0505MC-R Datasheet HTML 4Page - Murata Power Solutions Inc. CRE1S0505MC-R Datasheet HTML 5Page - Murata Power Solutions Inc. CRE1S0505MC-R Datasheet HTML 6Page - Murata Power Solutions Inc. CRE1S0505MC-R Datasheet HTML 7Page - Murata Power Solutions Inc. CRE1S0505MC-R Datasheet HTML 8Page - Murata Power Solutions Inc. CRE1S0505MC-R Datasheet HTML 9Page - Murata Power Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
CRE1 Series
Isolated 1W Single Output Isolated DC-DC Converters
KDC_CRE1.D02 Page 5 of 14
www.murata-ps.com/support
TOLERANCE ENVELOPES (continued)
CRE1S0305S3C
CRE1S0505S3C
CRE1S0505MC
CRE1S0505MEC
9%
-5%
0%
100
75
50
25
10
6%
Output Load Current (%)
7%
-3%
1%
100
75
50
25
10
3%
Output Load Current (%)
10%
-8%
3%
100
75
50
25
10
0%
Output Load Current (%)
7%
-4%
2%
100
75
50
25
10
3%
Output Load Current (%)
RoHS COMPLIANCE and MSL INFORMATION
The Through Hole parts (SIP/DIP) in this series are compatible with RoHS soldering systems with a peak wave solder temperature of 260°C for
10 seconds. The pin termination finish on the SIP package type is Tin Plate, Hot Dipped over Matte Tin with Nickel Preplate. The DIP types are
Matte Tin over Nickel Preplate. This series is backward compatible with Sn/Pb soldering systems.
The Surface Mount parts (MC/MEC) in this series are compatible with RoHS soldering systems as per J-STD-020D.1 The pin termination finish
on the Surface Mount package types is Matte Tin over Nickel Preplate. This series is backward compatible with Sn/Pb soldering systems. The
Surface Mount parts have a Moisture Sensitivity Level (MSL) 1.
Samples of the Surface Mount parts were tested in accordance with the conditioning described for MSL level 1 in IDC/J-STD-020D.1. The
products passed electrical tests and visual inspection criteria.
For further information, please visit www.murata-ps.com/rohs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com