Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CRE1S0505MC-R Datasheet(PDF) 1 Page - Murata Power Solutions Inc.

Part # CRE1S0505MC-R
Description  Isolated 1W Single Output Isolated DC-DC Converters
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

CRE1S0505MC-R Datasheet(HTML) 1 Page - Murata Power Solutions Inc.

  CRE1S0505MC-R Datasheet HTML 1Page - Murata Power Solutions Inc. CRE1S0505MC-R Datasheet HTML 2Page - Murata Power Solutions Inc. CRE1S0505MC-R Datasheet HTML 3Page - Murata Power Solutions Inc. CRE1S0505MC-R Datasheet HTML 4Page - Murata Power Solutions Inc. CRE1S0505MC-R Datasheet HTML 5Page - Murata Power Solutions Inc. CRE1S0505MC-R Datasheet HTML 6Page - Murata Power Solutions Inc. CRE1S0505MC-R Datasheet HTML 7Page - Murata Power Solutions Inc. CRE1S0505MC-R Datasheet HTML 8Page - Murata Power Solutions Inc. CRE1S0505MC-R Datasheet HTML 9Page - Murata Power Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
CRE1 Series
Isolated 1W Single Output Isolated DC-DC Converters
KDC_CRE1.D02 Page 1 of 14
www.murata-ps.com
www.murata-ps.com/support
For full details go to
www.murata-ps.com/rohs
SELECTION GUIDE
V
V
mA
%
mV p-p
mA
%
pF
MIL. Tel.
Typ. Max. Typ. Max.
Min. Typ.
kHrs
CRE1S0505DC
5
5
200
12
14
16
40
286
65
70
30
CRE1S0505SC
5
5
200
12
14
16
40
286
65
70
30
CRE1S0515SC
5
15
67
6
7.5
10
25
250
77
80
40
CRE1S1205SC
12
5
200
8
10
12
30
117
68
71
33
CRE1S1212SC
12
12
83
4
5
8
20
104
75
80
55
CRE1S2405SC
24
5
200
8.5
10
13
30
58
67
71
40
CRE1S2412SC
24
12
83
3
4
10
25
52
75
80
78
3KVDC isolation options
CRE1S0305S3C
3.3
5
200
10
12
15
25
400
72
75
35
CRE1S0505S3C
5
5
200
6
8
15
25
250
73
77
24
Surface mount options
CRE1S0505MC
5
5
200 12.8
15
62
85
294
68
35
6857
CRE1S0505MEC
5
5
200
6.5
8
25
70
239
79
82
22
3041
INPUT CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Voltage range
Continuous operation, 3.3V input types
2.97
3.3
3.63
V
Continuous operation, 5V input types
4.5
5.0
5.5
Continuous operation, 12V input types
10.8
12
13.2
Continuous operation, 24V input types
21.6
24
26.4
Reflected ripple current
3.3V & 12V input types
1
15
mA p-p
5V & 24V input types
2
15
CRE1S0505MC
30
47
CRE1S0505MEC
5
15
OUTPUT CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Rated Power
TA=-40°C to 85°C3
1
W
Voltage Set Point Accuracy See tolerance envelope
Line regulation
High VIN to low VIN
1.1
1.2
%/%
ISOLATION CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Isolation test voltage
C Versions Flash tested for 1 second
1000
VDC
3C Versions Flash tested for 1 second
3000
Resistance
Viso= 1000VDC
10
GΩ
GENERAL CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Switching frequency
3.3V input types
115
kHz
5V input types
110
12V input types
145
24V input types
100
CRE1S0505MEC
80
1. If components are required in tape and reel format suffix order code with -R, e.g. CRE1S0505MC-R.
2. Calculated using MIL-HDBK-217 FN2 and Telcordia SR-332 calculation model with nominal input voltage at full load.
3. UL 60950 recognition does not apply to CRE1S0505MC.
4. 24V input parts prior to date code D1635 have operating temperature range of 0 to 70°C.
All specifications typical at TA=25°C, nominal input voltage and rated output current unless otherwise specified.
PRODUCT OVERVIEW
The CRE1 series are a cost effective 1W DC-DC
converter series, in industry standard packages
with industry standard pinout. Popular input
and output voltages are available. The galvanic
isolation allows the device to be configured to
provide an isolated negative rail in systems where
only positive rails exist. The wide temperature
range guarantees startup from –40°C and full 1
watt output at 85°C3.
FEATURES
n
UL 60950 recognised3
n
Single Isolated output
n
1kVDC or 3kVDC option ‘Hi Pot Test’
n
Wide temperature performance at full
n1W load -40°C to 85°C4
n
Industry Standard Pinout
n
3.3V, 5V, 12V & 24V Inputs
n
5V, 12V & 15V outputs
n
Pin Compatible with CME, CRL2, LME,
MEE1, MEE3, MTE1, NKE, NME, NML &
NTE series
n Through hole and surface mount options
n available


Similar Part No. - CRE1S0505MC-R

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
CRE1S0505MC-R MURATA-PS-CRE1S0505MC-R Datasheet
431Kb / 17P
Isolated 1W Single Output Isolated DC-DC Converters
2020
More results

Similar Description - CRE1S0505MC-R

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
NME CANDD-NME Datasheet
120Kb / 2P
Isolated 1W Single Output DC-DC Converters
logo
Microdc power Technolog...
B-XN1S-1W MICRODC-B-XN1S-1W Datasheet
1Mb / 5P
Isolated 1W Single Output DC/DC Converters
B-XN2S-1W MICRODC-B-XN2S-1W Datasheet
1Mb / 5P
Isolated 1W Single Output DC/DC Converters
logo
Murata Manufacturing Co...
NMR MURATA-NMR_12 Datasheet
209Kb / 5P
Isolated 1W Single Output DC/DC Converters
NME0505DC MURATA-NME0505DC Datasheet
188Kb / 5P
Isolated 1W Single Output DC/DC Converters
NME2405SC MURATA-NME2405SC Datasheet
118Kb / 4P
Isolated 1W Single Output DC/DC Converters
logo
Microdc power Technolog...
B0303XLS-1W MICRODC-B0303XLS-1W Datasheet
1Mb / 4P
Isolated 1W Single Output DC/DC Converters
B-XD MICRODC-B-XD Datasheet
713Kb / 4P
Isolated 1W Single Output DC/DC Converters
B-XN1S MICRODC-B-XN1S Datasheet
497Kb / 5P
Isolated 1W Single Output DC/DC Converters
logo
Toppower Electronic Tec...
TPE1-3KVDC TOPPOWER-TPE1-3KVDC Datasheet
188Kb / 3P
1W Isolated Single Output DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com