Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6334DIRZ Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # ISL6334DIRZ
Description  VR11.1, 4-Phase PWM Controller with Phase Dropping, Droop Disabled and LoadCurrent Monitoring Features
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL6334DIRZ Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button ISL6334DIRZ Datasheet HTML 2Page - Renesas Technology Corp ISL6334DIRZ Datasheet HTML 3Page - Renesas Technology Corp ISL6334DIRZ Datasheet HTML 4Page - Renesas Technology Corp ISL6334DIRZ Datasheet HTML 5Page - Renesas Technology Corp ISL6334DIRZ Datasheet HTML 6Page - Renesas Technology Corp ISL6334DIRZ Datasheet HTML 7Page - Renesas Technology Corp ISL6334DIRZ Datasheet HTML 8Page - Renesas Technology Corp ISL6334DIRZ Datasheet HTML 9Page - Renesas Technology Corp ISL6334DIRZ Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
ISL6334D
FN6802 Rev 4.00
Page 6 of 28
Apr 29, 2016
Typical Application - 4-Phase Couple Inductor VR with 2-Phase PSI#
and No Droop
FIGURE 3. 4-PHASE COUPLE INDUCTOR VR WITH 2-PHASE PSI# AND NO DROOP
REF
DAC
VCC
COMP
FB
VDIFF
VSEN
RGND
EN_VTT
VTT
VR_RDY
VID7
VID6
VID5
VID4
VID3
VID2
VID1
VID0
PSI#
TM
TCOMP
OFS
FS
SS
µP
LOAD
+5V
ISL6334D
+5V
ISEN1-
ISEN1+
PWM1
ISEN2-
ISEN2+
PWM2
ISEN3-
ISEN3+
PWM3
ISEN4-
ISEN4+
PWM4
VR_FAN
VR_HOT
NTC
GND
+12V
VCC
PVCC
PWM1
BOOT1
UGATE1
PHASE1
LGATE1
VIN
PWM2
BOOT2
UGATE2
PHASE2
LGATE2
PGND
VIN
12V
GND
+12V
VCC
PVCC
PWM1
BOOT1
UGATE1
PHASE1
LGATE1
VIN
PWM2
BOOT2
UGATE2
PHASE2
LGATE2
PGND
VIN
12V
IMON
5V
GND
EN_PWR
VIN
+5V
5V
NTC: NTHS0805N02N6801,
6.8k
, VISHAY
ISL6614
DRIVER
ISL6614
DRIVER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com