Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6334DIRZ Datasheet(PDF) 18 Page - Renesas Technology Corp

Part # ISL6334DIRZ
Description  VR11.1, 4-Phase PWM Controller with Phase Dropping, Droop Disabled and LoadCurrent Monitoring Features
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL6334DIRZ Datasheet(HTML) 18 Page - Renesas Technology Corp

Back Button ISL6334DIRZ Datasheet HTML 14Page - Renesas Technology Corp ISL6334DIRZ Datasheet HTML 15Page - Renesas Technology Corp ISL6334DIRZ Datasheet HTML 16Page - Renesas Technology Corp ISL6334DIRZ Datasheet HTML 17Page - Renesas Technology Corp ISL6334DIRZ Datasheet HTML 18Page - Renesas Technology Corp ISL6334DIRZ Datasheet HTML 19Page - Renesas Technology Corp ISL6334DIRZ Datasheet HTML 20Page - Renesas Technology Corp ISL6334DIRZ Datasheet HTML 21Page - Renesas Technology Corp ISL6334DIRZ Datasheet HTML 22Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
ISL6334D
FN6802 Rev 4.00
Page 18 of 28
Apr 29, 2016
Assuming the microprocessor controls the VID change at 1-bit
every tVID, the relationship between the time constant of RREF
and CREF network and tVID is given by Equation 10.
During dynamic VID transition and VID step-up, the overcurrent
trip point increases by 140% to avoid falsely triggering OCP
circuits, while the overvoltage trip point is set to its maximum VID
OVP trip level. If the dynamic VID occurs at PSI# asserted, the
system should exit PSI# and complete the transition, and then
resume PSI# operation 50µs after the transition.
Operation Initialization
Prior to converter initialization, proper conditions must exist on
the enable inputs and VCC. When the conditions are met, the
controller begins soft-start. Once the output voltage is within the
proper window of operation, VR_RDY asserts logic high.
Enable and Disable
While in shutdown mode, the PWM outputs are held in a
high-impedance state to assure the drivers remain off. The
following input conditions must be met before the ISL6334D is
released from shutdown mode.
1. The bias voltage applied at VCC must reach the internal
power-on reset (POR) rising threshold. Once this threshold is
reached, proper operation of all aspects of the ISL6334D are
guaranteed. Hysteresis between the rising and falling
thresholds assure that once enabled, ISL6334D will not
inadvertently turn off unless the bias voltage drops
substantially (see “Electrical Specifications” table beginning
on page 7).
2. The ISL6334D features an enable input (EN_PWR) for power
sequencing between the controller bias voltage and another
voltage rail. The enable comparator holds the ISL6334D in
shutdown until the voltage at EN_PWR rises above 0.870V.
The enable comparator has about 130mV of hysteresis to
prevent bounce. It is important that the driver reaches its POR
level before the ISL6334D becomes enabled. The schematic
in Figure 11 demonstrates sequencing the ISL6334D with the
ISL66xx family of Intersil MOSFET drivers, which require 12V
bias.
3. The voltage on EN_VTT must be higher than 0.870V to enable
the controller. This pin is typically connected to the output of
VTT VR.
When all conditions previously mentioned are satisfied, ISL6334D
begins the soft-start and ramps the output voltage to 1.1V first.
After remaining at 1.1V for some time, ISL6334D reads the VID
code at VID input pins. If the VID code is valid, ISL6334D will
regulate the output to the final VID setting. If the VID code is OFF
code, ISL6334D will shut down, and cycling VCC, EN_PWR or
EN_VTT is needed to restart.
Soft-Start
ISL6334D based VR has 4 periods during soft-start, as shown in
Figure 12 on page 19. After VCC, EN_VTT and EN_PWR reach their
POR/enable thresholds, the controller will have a fixed delay period
tD1. After this delay period, the VR will begin first soft-start ramp
until the output voltage reaches 1.1V VBOOT voltage. Then, the
controller will regulate the VR voltage at 1.1V for another fixed
period, tD3. At the end of tD3 period, ISL6334D reads the VID
signals. If the VID code is valid, ISL6334D will initiate the second
soft-start ramp until the voltage reaches the VID voltage minus
offset voltage.
The soft-start time is the sum of the 4 periods, as shown in
Equation 11.
tD1 is a fixed delay with the typical value as 1.36ms. tD3 is
determined by the fixed 85µs plus the time to obtain a valid VID
voltage. If the VID is valid before the output reaches the 1.1V, the
minimum time to validate the VID input is 500ns. Therefore, the
minimum tD3 is about 86µs.
During tD2 and tD4, ISL6334D digitally controls the DAC voltage
change at 6.25mV per step. The time for each step is determined
by the frequency of the soft-start oscillator, which is defined by
the resistor RSS from SS pin to GND. The second soft-start ramp
time tD2 and tD4 can be calculated based on Equations 12 and
13:
CREF RREF
tVID
=
(EQ. 10)
FIGURE 11. POWER SEQUENCING USING THRESHOLD SENSITIVE
ENABLE (EN) FUNCTION
-
+
0.870V
EXTERNAL CIRCUIT
ISL6334D INTERNAL CIRCUIT
EN_PWR
+12V
POR
CIRCUIT
100k
9.1k
ENABLE
COMPARATOR
SOFT-START
AND
FAULT LOGIC
EN_VTT
VCC
+
-
0.870V
tSS
tD1 tD2 tD3 tD4
++
+
=
(EQ. 11)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com