Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6334DIRZ Datasheet(PDF) 12 Page - Renesas Technology Corp

Part # ISL6334DIRZ
Description  VR11.1, 4-Phase PWM Controller with Phase Dropping, Droop Disabled and LoadCurrent Monitoring Features
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL6334DIRZ Datasheet(HTML) 12 Page - Renesas Technology Corp

Back Button ISL6334DIRZ Datasheet HTML 8Page - Renesas Technology Corp ISL6334DIRZ Datasheet HTML 9Page - Renesas Technology Corp ISL6334DIRZ Datasheet HTML 10Page - Renesas Technology Corp ISL6334DIRZ Datasheet HTML 11Page - Renesas Technology Corp ISL6334DIRZ Datasheet HTML 12Page - Renesas Technology Corp ISL6334DIRZ Datasheet HTML 13Page - Renesas Technology Corp ISL6334DIRZ Datasheet HTML 14Page - Renesas Technology Corp ISL6334DIRZ Datasheet HTML 15Page - Renesas Technology Corp ISL6334DIRZ Datasheet HTML 16Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
ISL6334D
FN6802 Rev 4.00
Page 12 of 28
Apr 29, 2016
for the peak-to-peak current after the summation of N
symmetrically phase-shifted inductor currents in Equation 2.
Peak-to-peak ripple current decreases by an amount proportional
to the number of channels. Output voltage ripple is a function of
capacitance, capacitor Equivalent Series Resistance (ESR), and
inductor ripple current. Reducing the inductor ripple current
allows the designer to use fewer or less costly output capacitors.
Another benefit of interleaving is to reduce input ripple current.
Input capacitance is determined in part by the maximum input
ripple current. Multiphase topologies can improve overall system
cost and size by lowering input ripple current and allowing the
designer to reduce the cost of input capacitance. The example in
Figure 5 illustrates input currents from a three-phase converter
combining to reduce the total input ripple current.
The converter depicted in Figure 5 delivers 36A to a 1.5V load from
a 12V input. The RMS input capacitor current is 5.9A. Compare this
to a single-phase converter also stepping down 12V to 1.5V at 36A.
The single-phase converter has 11.9ARMS input capacitor current.
The single-phase converter must use an input capacitor bank with
twice the RMS current capacity as the equivalent three-phase
converter.
Figures 21, 22 and 23 in “Input Capacitor Selection” on page 25
can be used to determine the input capacitor RMS current based
on load current, duty cycle, and the number of channels. They are
provided as aids in determining the optimal input capacitor
solution. Figure 24 shows the single phase input-capacitor RMS
current for comparison.
PWM Modulation Scheme
The ISL6334D adopts Intersil's proprietary Active Pulse
Positioning (APP) modulation scheme to improve transient
performance. APP control is a unique dual-edge PWM
modulation scheme with both PWM leading and trailing edges
being independently moved to give the best response to transient
loads. The PWM frequency, however, is constant and set by the
external resistor between the FS pin and GND. To further improve
the transient response, the ISL6334D also implements Intersil's
proprietary Adaptive Phase Alignment (APA) technique. APA,
with sufficiently large load step currents, can turn on all phases
together. With both APP and APA control, ISL6334D can achieve
excellent transient performance and reduce demand on the
output capacitors.
Under steady state conditions, the operation of the ISL6334D
PWM modulators appear to be that of a conventional trailing
edge modulator. Conventional analysis and design methods can
therefore be used for steady state and small signal operation.
PWM and PSI# Operation
The timing of each channel is set by the number of active
channels. The default channel setting for the ISL6334D is four.
The switching cycle is defined as the time between PWM pulse
termination signals of each channel. The cycle time of the pulse
signal is the inverse of the switching frequency set by the resistor
between the FS pin and ground. The PWM signals command the
MOSFET driver to turn on/off the channel MOSFETs.
For 4-channel operation, the channel firing order is 1-2-3-4:
PWM3 pulse happens 1/4 of a cycle after PWM4, PWM2 output
follows another 1/4 of a cycle after PWM3, and PWM1 delays
another 1/4 of a cycle after PWM2. For 3-channel operation, the
channel firing order is 1-2-3.
Connecting PWM4 to VCC selects three channel operation and
the pulse times are spaced in 1/3 cycle increments. If PWM3 is
connected to VCC, two channel operation is selected and the
PWM2 pulse happens 1/2 of a cycle after PWM1 pulse. If PWM2
is connected to VCC, only Channel 1 operation is selected. In
addition, tie PSI# to GND to configure for single or 2-phase
operation, Channel 1 or Channels 1 and 3.
When PSI# is asserted low, indicating the low power mode
operation of the processor, the controller drops the number of active
phases according to the logic on Table 2 for high light-load efficiency
performance. SS and FS pins are used to program the controller in
operation of non-coupled, 2-phase coupled, or (n-x)-phase coupled
inductors. Different cases yield different PWM output behaviors on
both dropped phase(s) and remained phase(s) as PSI# is asserted
and de-asserted. A high PSI# input signal pulls the controller back to
normal CCM PWM operation to sustain an immediate heavy
transient load and high efficiency. Note that “n-x” means n-x phase
coupled and x-phase(s) are uncoupled.
While the controller is operational (VCC above POR, EN_VTT and
EN_PWR are both high, valid VID inputs), it can pull the PWM pins
to ~40% of VCC (~2V for 5V VCC bias) during various stages, such
as soft-start delay, phase shedding operation, or fault conditions
(OC or OV events). The matching driver's internal PWM resistor
divider can further raise the PWM potential, but not lower it
below the level set by the controller IC. Therefore, the controller's
PWM outputs are directly compatible with Intersil drivers that
require 5V PWM signal amplitudes. Drivers requiring 3.3V PWM
signal amplitudes are generally incompatible.
Switching Frequency
Switching frequency is determined by the selection of the
frequency-setting resistor, RT, which is connected from the FS pin
to GND or VCC. Equation 3 and Figure 6 are provided to assist in
selecting the correct resistor value.
Where fSW is the switching frequency of each phase.
IC(P-P)
,
VIN NVOUT
–
 V
OUT
LfS VIN
------------------------------------------------------------
=
(EQ. 2)
TABLE 2. PSI# OPERATION DECODING
PSI#
FS
SS
Non CI or (n-1) CI Drops to 1-phase
0
0
0
Non CI or (n-2) CI Drops to 2-phase
0
0
1
2-phase CI Drops to 1-phase
0
1
0
2-phase CI Drops to 2-phase
0
1
1
Normal CCM PWM Mode
1
x
x
(EQ. 3)
RT
2.5X10
10
fSW
--------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com