Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6334DIRZ Datasheet(PDF) 24 Page - Renesas Technology Corp

Part # ISL6334DIRZ
Description  VR11.1, 4-Phase PWM Controller with Phase Dropping, Droop Disabled and LoadCurrent Monitoring Features
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL6334DIRZ Datasheet(HTML) 24 Page - Renesas Technology Corp

Back Button ISL6334DIRZ Datasheet HTML 20Page - Renesas Technology Corp ISL6334DIRZ Datasheet HTML 21Page - Renesas Technology Corp ISL6334DIRZ Datasheet HTML 22Page - Renesas Technology Corp ISL6334DIRZ Datasheet HTML 23Page - Renesas Technology Corp ISL6334DIRZ Datasheet HTML 24Page - Renesas Technology Corp ISL6334DIRZ Datasheet HTML 25Page - Renesas Technology Corp ISL6334DIRZ Datasheet HTML 26Page - Renesas Technology Corp ISL6334DIRZ Datasheet HTML 27Page - Renesas Technology Corp ISL6334DIRZ Datasheet HTML 28Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 24 / 28 page
background image
ISL6334D
FN6802 Rev 4.00
Page 24 of 28
Apr 29, 2016
power stage, i.e. the temperature effect on the current sense
element RX is cancelled by the integrated temperature
compensation function. RX in Equation 27 should be the
resistance of the current sense element at room temperature.
When the integrated temperature compensation function is
disabled by pulling the TCOMP pin to GND, the sensed current will
be dependent on the operational temperature of the power
stage, since the DC resistance of the current sense element may
be changed according to the operational temperature. RX in
Equation 27 should be the maximum DC resistance of the
current sense element at the all operational temperature.
In certain circumstances, it may be necessary to adjust the value
of one or more ISEN resistors. When the components of one or
more channels are inhibited from effectively dissipating their
heat so that the affected channels run hotter than desired,
choose new, smaller values of RISEN for the affected phases (see
“Voltage Regulation” on page 14). Choose RISEN,2 in proportion to
the desired decrease in temperature rise in order to cause
proportionally less current to flow in the hotter phase, as shown
in Equation 28:
In Equation 28, make sure that
T2 is the desired temperature
rise above the ambient temperature, and
T1 is the measured
temperature rise above the ambient temperature. While a single
adjustment according to Equation 28 is usually sufficient, it may
occasionally be necessary to adjust RISEN two or more times to
achieve optimal thermal balance between all channels.
Compensation
The ISL6334D converter can be accurately modeled as a
voltage-mode regulator with two poles at the L-C resonant
frequency and a zero at the ESR frequency. A type III controller,
as shown in Figure 20, provides the necessary compensation.
The first step is to choose the desired bandwidth, f0, of the
compensated system. Choose a frequency high enough to assure
adequate transient performance but not higher than 1/3 of the
switching frequency. The type III compensator has an extra
high-frequency pole, fHF. This pole can be used for added noise
rejection or to assure adequate attenuation at the error-amplifier
high-order pole and zero frequencies. A good general rule is to
choose fHF =10f0, but it can be higher if desired. Choosing fHF to
be lower than 10f0 can cause problems with too much phase
shift below the system bandwidth.
In the solutions to the compensation equations, there is a single
degree of freedom. For the solutions presented in Equation 29,
RFB can be arbitrarily chosen as 1kΩ to 2kΩ. The remaining
compensation components are then selected.
In Equation 29, L is the per-channel filter inductance divided by
the number of active channels; C is the sum total of all output
capacitors; ESR is the equivalent-series resistance of the bulk
output-filter capacitance; and VP-P is the peak-to-peak sawtooth
signal amplitude, typically 1.5V.
Output Filter Design
The output inductors and the output capacitor bank together to form
a low-pass filter responsible for smoothing the pulsating voltage at
the phase nodes. The output filter also must provide the transient
energy until the regulator can respond. Because it has a low
bandwidth compared to the switching frequency, the output filter
necessarily limits the system transient response. The output
capacitor must supply or sink load current while the current in the
output inductors increases or decreases to meet the demand.
In high-speed converters, the output capacitor bank is usually the
most costly (and often the largest) part of the circuit. Output filter
design begins with minimizing the cost of this part of the circuit.
The critical load parameters in choosing the output capacitors are
the maximum size of the load step,
I; the load-current slew rate,
di/dt; and the maximum allowable output-voltage deviation under
transient loading,
VMAX. Capacitors are characterized according
to their capacitance, ESR, and ESL (equivalent series inductance).
At the beginning of the load transient, the output capacitors supply
all of the transient current. The output voltage will initially deviate by
an amount approximated by the voltage drop across the ESL. As the
load current increases, the voltage drop across the ESR increases
linearly until the load current reaches its final value. The capacitors
selected must have sufficiently low ESL and ESR so that the total
output-voltage deviation is less than the allowable maximum.
Neglecting the contribution of inductor current and regulator
RISEN 2,
RISEN
T
2
T
1
----------
=
(EQ. 28)
FIGURE 20. COMPENSATION CIRCUIT
ISL6333
COMP
CC
RC
RFB
FB
VSEN
C2
C1
R1
CC
VIN 2  fHF LC
1
–


2
2 f
0 fHF
LC
 R
FB VP-P

-----------------------------------------------------------------------------------------------------
=
RC
VPP 2


2
f0 fHF LCRFB

  
VIN 2  fHF LC
1
–


-----------------------------------------------------------------------------------------
=
R1
RFB
CESR
LC
C ESR
–
--------------------------------------------
=
C1
LC
C ESR
–
RFB
--------------------------------------------
=
C2
VIN
2
2 f
0 fHF
LC
 R
FB VP-P

-----------------------------------------------------------------------------------------------------
=
(EQ. 29)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com