Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE7209-2R Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # TLE7209-2R
Description  7 A H-Bridge for DC-Motor Applications
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7209-2R Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button TLE7209-2R Datasheet HTML 3Page - Infineon Technologies AG TLE7209-2R Datasheet HTML 4Page - Infineon Technologies AG TLE7209-2R Datasheet HTML 5Page - Infineon Technologies AG TLE7209-2R Datasheet HTML 6Page - Infineon Technologies AG TLE7209-2R Datasheet HTML 7Page - Infineon Technologies AG TLE7209-2R Datasheet HTML 8Page - Infineon Technologies AG TLE7209-2R Datasheet HTML 9Page - Infineon Technologies AG TLE7209-2R Datasheet HTML 10Page - Infineon Technologies AG TLE7209-2R Datasheet HTML 11Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
TLE 7209-2R
Circuit Description
Preliminary Datasheet
7
V1.0, 2004-mar-12
2.2.2
Temperature-depending Current Reduction
For 165
°C< T
j <175 °C
the current limit decreases from
IL =6.6 A ± 1.1 A to
IL =2.5 A ± 1.1 A as shown in Figure 4
Figure 4
Temperature dependent current reduction
2.3
Protection
The TLE 7209-2R is protected against short circuits, overload and invalid supply voltage
by the following measures:
2.3.1
Short circuit to Ground
The high-side switches are protected against a short of the output to ground by an over
current shut-down. If a high-side switch is turned on and the current rises above the short
circuit detection current
IOUK all output transistors are turned off after a typical filter time
of 2
µs, and the error bit “Short Circuit to Ground on output 1 (2)”, SCG1 (SCG2) is stored
in the internal status register.
2.3.2
Short circuit to VS
Due to the chopper current regulation, the low-side switches are already protected
against a short to the supply voltage. To be able to distinguish a short circuit from normal
current limit operation, the current limitation is deactivated for the blanking time
tb after
the current has exceeded the current limit threshold
IL. If the short circuit detection
current
IOUK is reached within this blanking time, a short circuit is detected (see
Figure 5). All output transistors are turned OFF and the according error bit “Short Circuit
to Battery on output 1 (2)”, SCB1 (SCB2) is set.
A
6.6A
2.5A
Tj
°C
165°C
175°C
tolerance of
temperature dependent
current reduction
range of over-
temperature shut-
down
I
L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com