Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE7209-2R Datasheet(PDF) 20 Page - Infineon Technologies AG

Part # TLE7209-2R
Description  7 A H-Bridge for DC-Motor Applications
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7209-2R Datasheet(HTML) 20 Page - Infineon Technologies AG

Back Button TLE7209-2R Datasheet HTML 16Page - Infineon Technologies AG TLE7209-2R Datasheet HTML 17Page - Infineon Technologies AG TLE7209-2R Datasheet HTML 18Page - Infineon Technologies AG TLE7209-2R Datasheet HTML 19Page - Infineon Technologies AG TLE7209-2R Datasheet HTML 20Page - Infineon Technologies AG TLE7209-2R Datasheet HTML 21Page - Infineon Technologies AG TLE7209-2R Datasheet HTML 22Page - Infineon Technologies AG TLE7209-2R Datasheet HTML 23Page - Infineon Technologies AG TLE7209-2R Datasheet HTML 24Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 32 page
background image
TLE 7209-2R
Electrical Characteristics
Preliminary Datasheet
20
V1.0, 2004-mar-12
3.2
Operating Range
Pos.
Parameter
Sym-
bol
Limit Values
Unit
Remark
min.
max.
3.2.1
Supply Voltage
VS
528
V
3.2.2
DMS Supply Voltage
VDMS
3.5
5.5
V
Device in SPI-mode
3.2.3
PWM frequency
f
30
kHz
May be limited to lower values
in the application due to
switching losses
3.2.4
Junction Temperature
TJ
-40
150
°C
Note: In the operating range, the circuit functionality as described in the circuit
description is fulfilled.
3.3
Thermal Resistance
3.3.1
Junction-case
RthJC
1.5
K/W
specified by design
3.3.2
Junction-ambient
RthJA
50
K/W
minimal footprint
3.4
Electrical Characteristics
5V < VS < 28V; – 40 °C < Tj < 150 °C; unless otherwise specified
Pos.
Parameter
Symbol
Limit Values
Unit
Test Conditions
min.
typ.
max.
Power Supply
3.4.1
Under voltage at VS
VUV OFF
3.4
4.2
5
V
Switch off threshold
VUV ON
3.6
4.4
5.2
Switch on threshold
VUV HY
100
1000
mV
Hysteresis
3.4.2
Supply current
IUB
––
30
mA
f = 20 kHz, IOUT = 0 A
––
20
mA
f = 0 Hz, IOUT = 0 A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com