Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE7209-2R Datasheet(PDF) 10 Page - Infineon Technologies AG

Part # TLE7209-2R
Description  7 A H-Bridge for DC-Motor Applications
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7209-2R Datasheet(HTML) 10 Page - Infineon Technologies AG

Back Button TLE7209-2R Datasheet HTML 6Page - Infineon Technologies AG TLE7209-2R Datasheet HTML 7Page - Infineon Technologies AG TLE7209-2R Datasheet HTML 8Page - Infineon Technologies AG TLE7209-2R Datasheet HTML 9Page - Infineon Technologies AG TLE7209-2R Datasheet HTML 10Page - Infineon Technologies AG TLE7209-2R Datasheet HTML 11Page - Infineon Technologies AG TLE7209-2R Datasheet HTML 12Page - Infineon Technologies AG TLE7209-2R Datasheet HTML 13Page - Infineon Technologies AG TLE7209-2R Datasheet HTML 14Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
TLE 7209-2R
Circuit Description
Preliminary Datasheet
10
V1.0, 2004-mar-12
The first two bits of an instruction may be used to establish an extended device-
addressing. This gives the opportunity to operate up to 4 Slave-devices sharing one
common CSN signal from the Master-Unit (see Figure 7)
Figure 6
SPI block-diagram
2.4.2.2
Characteristics of the SPI Interface
1. When DMS is > 3.5V, the SPI is active, independently of the state of EN or DIS. During
active reset conditions (DMS < 3.5V) the SPI is driven into its default state. When reset
becomes inactive, the state machine enters into a wait-state for the next instruction.
2. If the slave select signal at CSN is inactive (high), the state machine is forced to enter
the wait-state, i.e. the state machine waits for the following instruction.
3. During active (low) state of the select signal CSN the falling edge of the serial clock
signal SCK will be used to latch the input data at SDI. Output data at SDO are driven
with the rising edge of SCK (see timing diagram Figure 13)
4. Chip-address:
In order to establish the option of extended addressing the uppermost two bits of the
instruction-byte (i.e the first two SDI-bits of a Frame) are reserved to send a chip-
address. To avoid a bus conflict the output SDO must stay high impedance during the
addressing phase of a frame (i.e. until the address-bits are recognized as valid chip-
address). If the chip-address does not match, the data at SDI will be ignored and SDO
remains high impedance for the complete frame. See also Figure 7
5. Verification byte:
Simultaneously to the receipt of an SPI instruction TLE 7209-2R transmits a
verification byte via the output SDO to the controller. Refer to Figure 8. This byte
indicates normal or abnormal operation of the SPI. It contains an initial bit pattern and
a flag indicating an error occurred during the previous access.
CS N
DM S
SC K
SD I
SD O
s h ift- r e gis t er
S P I- C on t r ol:
- > s tate m a c h in e
- > clo c k c o u n te r
- > in str u ctio n r e co g n itio n
S P I pow er -
su p p ly
DIA _ RE G
D ia gno s tic s
8
8
OR
EN
DIS
Re s e t
DM S
U nde r -
vo lta g e



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com