Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6566ACR Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # ISL6566ACR
Description  Three-Phase Buck PWM Controller with Two Integrated MOSFET Drivers and One External Driver Signal
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL6566ACR Datasheet(HTML) 2 Page - Renesas Technology Corp

  ISL6566ACR Datasheet HTML 1Page - Renesas Technology Corp ISL6566ACR Datasheet HTML 2Page - Renesas Technology Corp ISL6566ACR Datasheet HTML 3Page - Renesas Technology Corp ISL6566ACR Datasheet HTML 4Page - Renesas Technology Corp ISL6566ACR Datasheet HTML 5Page - Renesas Technology Corp ISL6566ACR Datasheet HTML 6Page - Renesas Technology Corp ISL6566ACR Datasheet HTML 7Page - Renesas Technology Corp ISL6566ACR Datasheet HTML 8Page - Renesas Technology Corp ISL6566ACR Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 29 page
background image
ISL6566A
FN9200 Rev 2.00
Page 2 of 29
Jul 27, 2005
Block Diagram
VID4
DYNAMIC
VID
D/A
VID3
VID2
VID1
VID0
VID12.5
VRM10
E/A
REF
FB
OFFSET
OFS
COMP
ISUM
IREF
ICOMP
ISEN AMP
OC
OCSET
RGND
VSEN
VDIFF
x1
100
A
+150mV
OVP
x 0.82
OVP
UVP
ISEN1
ISEN2
ISEN3
CHANNEL
CURRENT
SENSE
1
N
PWM1
PWM3
CHANNEL
CURRENT
BALANCE
THROUGH
SHOOT-
PROTECTION
BOOT1
UGATE1
PHASE1
LGATE1
PVCC1
LOGIC
CONTROL
GATE
THROUGH
SHOOT-
PROTECTION
BOOT2
UGATE2
PHASE2
LGATE2
PVCC2
LOGIC
CONTROL
GATE
EN_PH3
NC
NC
NC
CLOCK AND
GENERATOR
SAWTOOTH
SOFT-START
AND
FAULT LOGIC
CHANNEL
DETECT
VCC
RESET
POWER-ON
0.66V
ENLL
FS
PGOOD
GND
0.2V
+1V
PWM2
x1
VOVP
PH2
DETECT
PH3 POR /
DETECT
PWM3
PWM3
SIGNAL
LOGIC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com